Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2729-150M Datasheet(PDF) 2 Page - Tyco Electronics

Part # PH2729-150M
Description  Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH2729-150M Datasheet(HTML) 2 Page - Tyco Electronics

  PH2729-150M Datasheet HTML 1Page - Tyco Electronics PH2729-150M Datasheet HTML 2Page - Tyco Electronics PH2729-150M Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Radar Pulsed Power Transistor
150W, 2.7-2.9 GHz, 100µs Pulse, 10% Duty
M/A-COM Products
Released, 29 Jun 07
PH2729-150M
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 82.94.844.8296 / Fax: 82.94.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Typical RF Performance
F (GHz)
ZIF (Ω)
ZOF (Ω)
2.7
4.6 - j8.3
1.7 - j3.2
2.8
4.1 - j7.8
1.7 - j2.8
2.9
3.7 - j7.5
1.7 - j2.4
RF Test Fixture Impedance
Gain vs. Frequency
Collector Efficiency vs. Frequency
Freq.
(GHz)
Pin
(W)
Pout
(W)
Gain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-S
(1.5:1)
VSWR-T
(2:1)
2.7
22
216
9.91
11.0
51.7
-10.9
S
P
2.8
22
206
9.71
11.2
48.5
-18.9
S
P
2.9
22
193
9.42
10.0
50.5
-10.9
S
P
Droop
(dB)
0.09
0.25
0.12
8.0
8.5
9.0
9.5
10.0
2.70
2.75
2.80
2.85
2.90
Freq (GHz)
35
40
45
50
55
2.70
2.75
2.80
2.85
2.90
Freq (GHz)


Similar Part No. - PH2729-150M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2729-150M MACOM-PH2729-150M Datasheet
79Kb / 2P
   Radar Pulsed Power Transistor-150 Watts 2.7-2.9 GHz, 100ms Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-150M MA-COM-PH2729-150M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results

Similar Description - PH2729-150M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH2729-150M MA-COM-PH2729-150M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-110M MA-COM-PH2729-110M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-110M MACOM-PH2729-110M_07 Datasheet
133Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 25W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-8.5M MA-COM-PH2729-8.5M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 8.5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor 170W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-130M MA-COM-PH2729-130M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 130W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-130M MACOM-PH2729-130M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 130W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-85M MACOM-PH2729-85M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 8.5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-65M MACOM-PH2729-65M Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor 65W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com