Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2130-1YTSE Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2130-1YTSE
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2130-1YTSE Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2130-1YTSE Datasheet HTML 4Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 5Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 6Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 7Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 8Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 9Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 10Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 11Page - Micrel Semiconductor MIC2130-1YTSE Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
8
M9999-042108-C
Functional Diagram
Figure 1. MIC2130/1 Block Diagram
Functional Description
The MIC2130/31 is a voltage mode synchronous buck
controller built for optimum speed and efficiency. It is
designed for wide input voltage range and for high
output power buck converters. Figure 1 shows the block
diagram.
The control loop has two stages of regulation. During
steady-state to medium output disturbances, the loop
operates in fixed frequency, PWM mode while (gm loop),
during a large output voltage disturbance (~±6%
nominal), the loop becomes hysteretic; meaning that for
a short period, the switching MOSFETs are switched on
and off continuously until the output voltage returns to
it’s nominal level. This maximizes transient response for
large load steps, while nominally operating in fixed
frequency PWM mode. Voltage mode control is used to
allow for maximum flexibility and maintains good
transient regulation. The operating input voltage range is
8V to 40V and output can be set from 0.7V up to
0.85*VIN. Start-up surges are prevented using built in
soft start circuitry as well as resistor-less (LSD RDSON is
used to sense load current) current sensing for overload
protection. Other protection features include UVLO, over
voltage latch off protection, Power good signal.


Similar Part No. - MIC2130-1YTSE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML MICROCHIP-MIC2133YML Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TR MICROCHIP-MIC2133YML-TR Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TRVAO MICROCHIP-MIC2133YML-TRVAO Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results

Similar Description - MIC2130-1YTSE

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com