Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2130-4YTSE Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2130-4YTSE
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2130-4YTSE Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2130-4YTSE Datasheet HTML 6Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 7Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 8Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 9Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 10Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 11Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 12Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 13Page - Micrel Semiconductor MIC2130-4YTSE Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
10
M9999-042108-C
At startup, the Soft-start MOSFET (SSFET) is released
and CSS starts to charge at the rate dVSS/dt–2µA/CSS.
The PNP transistor’s emitter (COMP) starts to track VSS
(plus a junction voltage ≈0.65). When (COMP) reaches
the lower end of the PWM ramp voltage at 1.10V,
switching pulses will begin to drive the power MOSFETs.
This voltage rise continues on the COMP pin until the
control loop reaches the regulation point. During this soft
start period, the gate drive pulses to the MOSFET will
start at the minimum pulse width and increase up to the
duty cycle D required for regulation. The COMP voltage
can be anywhere from 1.1V to 2.1V which corresponds
to a duty cycle D of 0-85%. VSS will however, continue to
rise as the PNP base-emitter junction becomes reverse
biased. The SS pin is allowed to rise to 2.5V (four diode
drops) max to allow fast response to fault conditions.
During large over current or short circuit conditions, i.e.,
where current limit is detected and VOUT is <60% of
nominal, the SSFET is momentarily switched on. This
discharges CSS to ~150mV at which point, it re-starts the
soft start cycle once again. During soft start, hysteretic
comparators are disabled.
Duty Cycle D can be written in terms of VCOMP
D = (0.85) x VCOMP – (0.935) or VCOMP = (D + 0.935)/0.85
Example: VIN = 12V; VOUT = 3.3V; D = VOUT/VIN = 0.275
VCOMP = 1.424V; i.e. the steady-state DC Value of VCOMP
when D = 0.275
T1 is the time for VCOMP to charge up to 1.1V, therefore,
VSS is one diode drop below VCOMP.
T2 is the time for VCOMP to charge up to (D + 0.935)/ 0.85
+ 1.1V.
Soft Start time = T1 + T2
Where
T1 = (1.1-Vdiode) x CSS/2µA; the time until output
pulsing starts at minimum duty.
And,
T2 = (1/0.85) x D x CSS/ 2µA; the time until output
pulsing increases to D.
The compensation capacitors at the COMP pin (CCOMP =
Cc1+Cc2 in Figure 4) will also need to charge up to
VCOMP. This charging time starts as soon as MOSFET
(SSFET) is released. Depending upon the size of the
CCOMP, the charging time could be greater than T1+T2.
CCOMP could be used for the Soft Start cap by leaving SS
pin open.
TcCOMP = (1/0.85) x D x CCOMP/5µA: The time until output
pulsing increases to D.
Protection
There exits four different types of output protection.
1. Output “hard short” over current
2. Output “soft short” over current
3. Output under voltage
4. Output over voltage
Current Limit
The MIC2130/31 uses the RDSON of the low-side
MOSFET to sense overcurrent conditions. The lower
MOSFET is used because it displays much lower
parasitic oscillations during switching then the upper
MOSFET. Using the low-side MOSFET RDSON as a
current sense is an excellent method for circuit
protection. This method will avoid adding cost, board
space and power losses taken by discrete current sense
resistors.
Hard Short
Generally, the MIC2130/31 current limit circuit acts to
provide a fixed maximum output current until the
resistance of the load is so low that the voltage across it
is no longer within regulation limits. At this point (60% of
nominal output voltage), the part employs Hiccup mode.
During Hiccup mode, the output pulses stop and the soft
start cap is discharged and soft start mode begins. After
the soft start time, if the output voltage is still 60% low,
then the process repeats again and continues until the
short is removed. Hard short current mode is initiated to
protect down stream loads from excessive current and
also reduces overall power dissipation in the PWM
converter components during a fault.
Soft Short
Before “Hard Short” mode (also called “hiccup mode”)
occurs “soft short” current limiting is provided to prevent
system shutdown or disturbance if the overload is only
marginal. When the load current exceeds the current
limit by only a few ma for a short time (milliseconds) then
the hard short mode is not desired. Instead, the “Soft
Short” loop is used. When the current limit comparator
senses an over current it then starts to discharge the SS
Cap with a 40µA current source. The current limit
comparator gets reset every cycle so if the short still
exist during the next cycle then the SS cap will continue
to get discharged with the 40µA current source. The
comp pin follows the SS pin (Figure 4) and the gm
control loop will lower the output voltage accordingly for
as long as the short exists. So, instead of shutting down
the output as in a hard short, the output is gently and
slightly reduced until the over current condition
discontinues. If however the short increase to the point
of lowering the output to 60%, then hard short will result.
The fast hysteretic control loop (FHyCL) is initiated by a
6% drop in output voltage and it is not desired during an
over current condition therefore, the FHyCL feature will


Similar Part No. - MIC2130-4YTSE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML MICROCHIP-MIC2133YML Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TR MICROCHIP-MIC2133YML-TR Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TRVAO MICROCHIP-MIC2133YML-TRVAO Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results

Similar Description - MIC2130-4YTSE

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com