Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2131-1YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2131-1YML
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131-1YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2131-1YML Datasheet HTML 5Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 6Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 7Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 8Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 9Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 10Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 11Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 12Page - Micrel Semiconductor MIC2131-1YML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
9
M9999-042108-C
Theory of Operation
A voltage divider monitors the output voltage of the
converter then sensed at the inverting input of the error
amplifier. The non-inverting input of the error amplifier is
connected to the internal 0.7V reference and the two
inputs are compared to produce an analog error voltage.
This error voltage is then fed into the non-inverting input
of the PWM comparator and compared to the voltage
ramp (1.1V to 2.1V) to create the PWM pulses. The
PWM pulses propagate through to the MOSFET drivers
which drive the external MOSFETs to create the power
switching waveform at the set D (duty cycle). This is then
filtered by a power inductor and low ESR capacitor to
produce the output voltage where VOUT ≈ D*VIN. As an
example, due to a load increase or an input voltage
drop, the output voltage will instantaneously drop. This
will cause the error voltage to rise, resulting in wider
pulses at the output of the PWM comparator. The higher
Duty Cycle power switching waveform will cause an
associated rise in output voltage and will continue to rise
until the feedback voltage is equal to the reference and
the loop is again in equilibrium. As with any control
system, it is necessary to compensate this feedback
loop (by selecting the R and C values at the comp pin) in
order to keep the system stable. One of the tradeoffs for
stability is reduced transient regulation performance.
However, the MIC2130/31 has an additional feature to
correct this problem. The MIC2130/31 family features a
fast hysteretic control loop (FHyCL) which bypasses the
gm amp and the feedback compensation network during
fast line and load transients.
The fast hysteretic control loop (FHyCL) operates during
large transients to provide excellent line and load
regulation. Hysteretic mode is invoked when the output
voltage is detected to be ±6% of its regulated value. If
the input voltage step or output load step is large enough
to cause a 6% deviation in VOUT, then the additional
hysteretic control loop functions to return the output
voltage to its nominal set point in the fastest time
possible. This is limited only by the time constant of the
power inductor and output capacitor (an order of
magnitude faster than the gm loop). This scheme is not
used during normal operation because it creates
switching waveforms whose frequency is dependant on
VIN, passive component values and load current. Due to
its large noise spectrum it is only used during surges to
keep switching noise at a known, fixed frequency.
Figure 2. Hysteric Block Diagram
Figure 3. Hysteric Waveforms
Soft Start
Figure 4. Soft Start Circuit


Similar Part No. - MIC2131-1YML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML MICROCHIP-MIC2133YML Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TR MICROCHIP-MIC2133YML-TR Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TRVAO MICROCHIP-MIC2133YML-TRVAO Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results

Similar Description - MIC2131-1YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com