Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27-21UYC-S530-A5-TR8 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 27-21UYC-S530-A5-TR8
Description  Chip LED with Right Angle Lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

27-21UYC-S530-A5-TR8 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

  27-21UYC-S530-A5-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 27-21UYC-S530-A5-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
27-21UYC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 9
Device No. :SZDSE-271-002
Prepared date:10-Oct-2006
Prepared by:Linlin wu
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 27-21UYC-S530-A5-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
27-21UBC-C430-TR8 EVERLIGHT-27-21UBC-C430-TR8 Datasheet
162Kb / 9P
   Chip LED with Right Angle Lens
27-21UBC/C430/TR8 EVERLIGHT-27-21UBC/C430/TR8 Datasheet
162Kb / 9P
   Chip LED with Right Angle Lens
More results

Similar Description - 27-21UYC-S530-A5-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-21-T3D-AQ2S2M-2C EVERLIGHT-12-21-T3D-AQ2S2M-2C Datasheet
167Kb / 12P
   Chip LED with Right Angle Lens
27-21-T1D-CQ1R2NW-3C EVERLIGHT-27-21-T1D-CQ1R2NW-3C Datasheet
172Kb / 12P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-AN1P2-2C EVERLIGHT-12-21C-BHC-AN1P2-2C Datasheet
198Kb / 10P
   Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C_04 Datasheet
143Kb / 10P
   Chip LED with Right Angle Lens
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
12-215-Y2C-CP1Q2B-3C EVERLIGHT-12-215-Y2C-CP1Q2B-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
27-21SURC EVERLIGHT-27-21SURC Datasheet
163Kb / 9P
   Chip LED with Right Angle Lens
27-21SYGC EVERLIGHT-27-21SYGC_05 Datasheet
151Kb / 9P
   Chip LED with Right Angle Lens
12-215-BHC-XL1M2HY-3C EVERLIGHT-12-215-BHC-XL1M2HY-3C Datasheet
139Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-YL1M2HY-2C EVERLIGHT-12-21C-BHC-YL1M2HY-2C_11 Datasheet
203Kb / 10P
   Chip LED with Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com