Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45-21UYC-S530-A3-TR8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 45-21UYC-S530-A3-TR8
Description  Top View LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

45-21UYC-S530-A3-TR8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  45-21UYC-S530-A3-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 45-21UYC-S530-A3-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 10
Device No.: DSE-451-023
Prepared date:31-May.-2007
Prepared by:Ray Yuan
45-21UYC/S530-XX/TR8
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current (Duty 1/10 @1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Electrostatic Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260
for 10 sec.
Hand Soldering : 350
for 3 sec.


Similar Part No. - 45-21UYC-S530-A3-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
45-21UFC-XXXXXXX-TR8 EVERLIGHT-45-21UFC-XXXXXXX-TR8 Datasheet
253Kb / 14P
   Top View LEDs
45-21UFC/1617V20/TR8 EVERLIGHT-45-21UFC/1617V20/TR8 Datasheet
253Kb / 14P
   Top View LEDs
45-21UFC/1617V21/TR8 EVERLIGHT-45-21UFC/1617V21/TR8 Datasheet
253Kb / 14P
   Top View LEDs
45-21UFC/1617V22/TR8 EVERLIGHT-45-21UFC/1617V22/TR8 Datasheet
253Kb / 14P
   Top View LEDs
More results

Similar Description - 45-21UYC-S530-A3-TR8

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SWT821-S SEOUL-SWT821-S Datasheet
615Kb / 16P
   Top View LED
SBHRN120E SEOUL-SBHRN120E Datasheet
1Mb / 21P
   Top View LED
SBWNN120E SEOUL-SBWNN120E Datasheet
1Mb / 21P
   Top View LED
STW8C2SA SEOUL-STW8C2SA Datasheet
2Mb / 27P
   Top View Led
SFT821N-BS SEOUL-SFT821N-BS Datasheet
551Kb / 14P
   Top View LED
SFT825N-S SEOUL-SFT825N-S Datasheet
591Kb / 13P
   Top View LED
SBWRN2S0E SEOUL-SBWRN2S0E Datasheet
973Kb / 22P
   Top view LED
STWRI140E SEOUL-STWRI140E Datasheet
2Mb / 15P
   Top View LED
logo
Everlight Electronics C...
EAHP2016YA0-AM EVERLIGHT-EAHP2016YA0-AM Datasheet
538Kb / 17P
   Top view LED
logo
Seoul Semiconductor
KWT733 SEOUL-KWT733_1 Datasheet
549Kb / 11P
   Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com