Electronic Components Datasheet Search |
|
V23079 Datasheet(PDF) 2 Page - Tyco Electronics |
|
V23079 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 11 page 2 pole telecom relay, polarized, Through Hole Type (THT) or Surface Mount Technology (SMT), Relay types: non-latching with 1 coil latching with 2 coils latching with 1 coil Features – Standard telecom relay (ringing and test access) – Slim line 15 x 7.5 mm, 0.590 x 0.295 inch – Switching current 5 A – 2 changeover contacts (2 form C / DPDT) – Bifurcated contacts – Immersion cleanable – High sensitivity results in low nominal power consumption 140 mW for non-latching and latching with 2 coils 70 mW for latching with 1 coil – For single coil version: - Surge voltage resistance between contact and coil for single coil version: - 2.5 kV (2 / 10 µsec) meets the Bellcore Requirement GR-1089 - 1.5 kV (10 / 160 µsec) meets FCC Part 68 Typical applications – Communications equipment linecard application (ringing and test access) PABX Voice over IP – Office equipment – Measurement and control equipment – Automotive equipment CAN bus, keyless entry, speaker switch – Medical equipment – Consumer electronics Set Top Boxes, HiFi Options – 1500 Vrms between open contacts – Temperature range up to 105° C P2 Relay V23079 2 UL 508 File No. E111441 UL 60950 QC 160504-CH0003 CECC 811-54-003 Insulation category: Supplementary insulation according IEC / EN 60950 Working voltage ³ 300 Vrms Mains supply voltage ³ 250 Vrms Repetitive peak voltage 2500 V Pollution degree: Internal: 1 External: 2 Flammability classification: V-0 Maximum operating temperature: 85 °C IEC/EN60950 IEC Ref. Cert. No. CH 2171 |
Similar Part No. - V23079 |
|
Similar Description - V23079 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |