Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE125FRSTOA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXRE125FRSTOA
Description  MICROPOWER 1.22V VOLTAGE REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE125FRSTOA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXRE125FRSTOA Datasheet HTML 1Page - Zetex Semiconductors ZXRE125FRSTOA Datasheet HTML 2Page - Zetex Semiconductors ZXRE125FRSTOA Datasheet HTML 3Page - Zetex Semiconductors ZXRE125FRSTOA Datasheet HTML 4Page - Zetex Semiconductors ZXRE125FRSTOA Datasheet HTML 5Page - Zetex Semiconductors ZXRE125FRSTOA Datasheet HTML 6Page - Zetex Semiconductors ZXRE125FRSTOA Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXRE125
SEMICO NDUC TORS
ISSUE 7 - OCTOBER 2003
2
PARAMETER
SYMBOL
LIMIT
UNIT
Reverse current
VZ
30
mA
Forward current
10
mA
Operating temperature
TOMP
-40 to 85
°C
Storage temperature
TSTG
-55 to 125
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE
VALUE
UNIT
SOT23
330
mW
E-line
500
mW
POWER DISSIPATION (at Tamb = 25°C, Tjmax = 25°C)


Similar Part No. - ZXRE125FRSTOA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125FR ZETEX-ZXRE125FR Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
More results

Similar Description - ZXRE125FRSTOA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
   SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE1004 DIODES-ZXRE1004 Datasheet
96Kb / 5P
   SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com