Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23026B1102B201 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23026B1102B201
Description  P1 Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23026B1102B201 Datasheet(HTML) 3 Page - Tyco Electronics

  V23026B1102B201 Datasheet HTML 1Page - Tyco Electronics V23026B1102B201 Datasheet HTML 2Page - Tyco Electronics V23026B1102B201 Datasheet HTML 3Page - Tyco Electronics V23026B1102B201 Datasheet HTML 4Page - Tyco Electronics V23026B1102B201 Datasheet HTML 5Page - Tyco Electronics V23026B1102B201 Datasheet HTML 6Page - Tyco Electronics V23026B1102B201 Datasheet HTML 7Page - Tyco Electronics V23026B1102B201 Datasheet HTML 8Page - Tyco Electronics V23026B1102B201 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Dimensions
V23026-x1xxx-B201
THT
SMT
mm
inch
mm
inch
L 13.0 ± 0.1 0.512 ± 0.004 13.4 ± 0.1
0.528 ± 0.004
W 7.6 ± 0.1
0.299 ± 0.004 7.75 ± 0.1
0.305 ± 0.004
H 6.9 - 0.2
0.272 - 0.008 8.0 - 0.2
0.315 - 0.008
T 3.5 - 0.2
0.138 -0.008 N/A
N/A
T1 N/A
N/A
10.9 - 0.5
0.429 - 0.020
T2 5.08 ± 0.15 0.200 ± 0.006 5.08 ± 0.15 0.200 ± 0.006
S 0.3 ± 0.1
0.012 ±0.004 N/A
N/A
S1 N/A
N/A
0.85 ± 0.1
0.033 ±0.004
S2 N/A
N/A
0.2 - 0.15
0.008 ±0.006
P1 Relay
V23026
Terminal assignment
Relay - top view
Mounting hole layout
View onto the component side of the PCB
Solder pad layout
View onto the component side of the PCB
Contact release or reset condition, coil polarity to set the relay
THT Version
SMT Version
Latching type, 2 coils
reset condition
Non-latching type,
not energized condition
Latching type, 1 coil
reset condition
Page 3 (10)
108-98009 Rev. C
Contacts are shown in reset
condition. Both coils can be
used either as set or reset coil.


Similar Part No. - V23026B1102B201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23026B1102B201 MACOM-V23026B1102B201 Datasheet
2Mb / 5P
   P1 Relay V23026
More results

Similar Description - V23026B1102B201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393774-6 MACOM-2-1393774-6 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-0 MACOM-2-1393774-0 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-1 MACOM-2-1393774-1 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-4 MACOM-2-1393774-4 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-7 MACOM-2-1393774-7 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026 MACOM-V23026_12 Datasheet
2Mb / 5P
   P1 Relay V23026
logo
List of Unclassifed Man...
YS05S16-0G ETC2-YS05S16-0G Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
PFC500-1048F ETC2-PFC500-1048F Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
logo
Rohm
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
logo
PHOENIX CONTACT
5145562 PHOENIX-5145562 Datasheet
50Kb / 2P
   Accessories - P1 ENGRAVING SPINDLE
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com