Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT468 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MKT468
Description  Metallized polyester film capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKT468 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MKT468 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 9Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 10Page - List of Unclassifed Manufacturers MKT468 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
2000 Aug 30
7
BCcomponents
Product specification
Metallized polyester film capacitors
MKT 467
MKT 467 GENERAL DATA
PITCH 10 mm (kinked leads)
Specific reference data for the 250 V DC capacitors
Available 250 V DC versions
Notes
1.
For SPQ refer to this handbook, chapter “Packaging information”.
2.
H
= in-tape height; for detailed specifications refer to this handbook, chapter “Packaging information”.
DESCRIPTION
VALUE
at 1 kHz
at 10 kHz
at 100 kHz
Tangent of loss angle:
0.18
µF < C ≤ 0.22 µF
≤75 × 10−4
≤120 × 10−4
≤225 × 10−4
Rated voltage pulse slope (dU/dt)R at 250 V (DC)
120 V/
µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 minute
>30000 MΩ
R between interconnecting leads and casing; 100 V; 1 minute
>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
400 V; 1 minute
Withstanding (DC) voltage between leads and case
500 V; 1 minute
PACKAGING(1)
DIMENSIONS
C-tol
FIRST 9 DIGITS OF
CATALOGUE NUMBER
ORDERING
Loose in box
lt
= 3.5 ±0.5 mm
±10%
2222 467 16...
preferred
±5%
2222 467 17...
preferred
lt
= 19.0 ±4.0 mm
±10%
2222 467 53...
on request
±5%
2222 467 54...
on request
Taped on reel
H
= 16.0 mm; note 2
±10%
2222 467 18...
on request
±5%
2222 467 19...
on request
Fig.5 Outline.
(1) Hole
∅1.0 for dt = 0.6 mm.
(2) 0
≤α < 50°.
296x12(full_width)
seating plane (1)
l
Ødt
P
h
lt
α
A
CBA100
b
(2)


Similar Part No. - MKT468

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT468 VISHAY-MKT468 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results

Similar Description - MKT468

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com