Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6639AEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6639AEE
Description  2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639AEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6639AEE Datasheet HTML 7Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 8Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 9Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 10Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 11Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 12Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 13Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 14Page - Maxim Integrated Products MAX6639AEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2-Channel Temperature Monitor with Dual,
Automatic, PWM Fan-Speed Controller
______________________________________________________________________________________
11
READ/
WRITE
REGISTER
NO.
ADDRESS
POR
STATE
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
R
00h
0000
0000
Temperature
channel 1
MSB
(+128°C)
——
————
LSB
(1°C)
R
01h
0000
0000
Temperature
channel 2
MSB
(+128°C)
——
————
LSB
(1°C)
R
02h
0000
0000
Status byte
Channel 1
ALERT
Channel 2
ALERT
Channel 1
OT
Channel 2
OT
Channel 1
THERM
Channel 2
THERM
Fan 1 fault
Fan 2
fault
R/W
03h
0000
0011
Output mask
Channel 1
ALERT
Channel 2
ALERT
Channel 1
OT
Channel 2
OT
Channel 1
THERM
Channel 2
THERM
Fan 1 fault
Fan 2
fault
R/W
04h
0011
0000
Global
configuration
Run
0 = run,
1= stby
POR:
1 = reset
SMBus
timeout:
0 =
enabled,
1 =
disabled
Temp
channel 2
source:
1 = local,
0 = remote
2
PWM
output
frequency
range
Reserved Reserved Reserved
R
05h
0000
0000
Channel 1
extended
temperature
MSB
(0.5°C)
LSB
(0.125°C)
Reserved Reserved Reserved Reserved
Diode
fault
R
06h
0000
0000
Channel 2
extended
temperature
MSB
(0.5°C)
LSB
(0.125°C)
Reserved Reserved Reserved Reserved
Diode
fault
R/W
08h
0101
0101
Channel 1
ALERT limit
MSB
——
————
LSB
(1°C)
R/W
09h
0101
0101
Channel 2
ALERT limit
MSB
——
————
LSB
(1°C)
R/W
0Ah
0110
1110
Channel 1 OT
limit
MSB
——
————
LSB
(1°C)
R/W
0Bh
0110
1110
Channel 2 OT
limit
MSB
——
————
LSB
(1°C)
R/W
0Ch
0101
0101
Channel 1
THERM limit
MSB
——
————
LSB
(1°C)
R/W
0Dh
0101
0101
Channel 2
THERM limit
MSB
——
————
LSB
(1°C)
R/W
10h
1000
0010
Fan 1
configuration
1
PWM
mode
Rate of
change
(MSB)
Rate of
change
Rate of
change
(LSB)
Fan 1
channel 1
control
Fan 1
channel 2
control
RPM
range
select
RPM
range
select
R/W
11h
0000
0000
Fan 1
Configuration
2a
RPM step-
size A
(MSB)
RPM step-
size A
RPM step-
size A
RPM step-
size A
(LSB)
Temp
step-size
A (MSB)
Temp
step-size
A (LSB)
PWM
Polarity
Minimum
fan
speed:
0 = 0%,
1= value
Table 4. Register Map


Similar Part No. - MAX6639AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639AEE MAXIM-MAX6639AEE Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6639AEE MAXIM-MAX6639AEE Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639AEE++ MAXIM-MAX6639AEE+ Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
More results

Similar Description - MAX6639AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com