Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FV100D-103 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FV100D-103
Description  8-bit Microcontrollers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FV100D-103 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FV100D-103 Datasheet HTML 1Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 2Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 3Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 4Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 5Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 6Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 7Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 8Page - Fujitsu Component Limited. FV100D-103 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MB95120MB Series
2
(Continued)
• Timebase timer
× 1 channel
• Watch prescaler
× 1 channel
• LIN-UART × 1 channel
• LIN function, clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• Full duplex double buffer
• UART/SIO × 1 channel
• Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• Full duplex double buffer
• I2C* × 1 channel
• Built-in wake-up function
• External interrupt × 12 channels
• Interrupt by edge detection (rising, falling, or both edges can be selected)
• Can be used to recover from low-power consumption (standby) modes.
• 8/10-bit A/D converter × 12 channels
• 8-bit or 10-bit resolution can be selected
• LCD controller (LCDC)
• 40 SEG
× 4 COM (Max 160 pixels)
• With blinking function
• Low-power consumption (standby) mode
• Stop mode
• Sleep mode
• Watch mode
• Timebase timer mode
• I/O port
• The number of maximum ports : Max 87
• Port configuration
• General-purpose I/O ports (N-ch open drain)
: 2 ports
• General-purpose I/O ports (CMOS)
: 85 ports
• Programmable input voltage levels of port
Automotive input level
/ CMOS input level / hysteresis input level
• Dual operation Flash memory
• Erase/write and read can be executed in the different bank (Upper Bank/Lower Bank) at the same time.
• Flash memory security function
Protects the content of Flash memory (Flash memory device only)
* :
Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C Standard Specification as defined
by Philips.


Similar Part No. - FV100D-103

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FV100D-101 FUJITSU-FV100D-101 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
More results

Similar Description - FV100D-103

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com