Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6C-BM1N2B Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # G6C-BM1N2B
Description  Chip LED(1.0mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

G6C-BM1N2B Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button G6C-BM1N2B Datasheet HTML 2Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 3Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 4Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 5Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 6Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 7Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 8Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 9Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-21/G6C-BM1N2B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 9 of 10
Device No:SZDSE-171-G52
Prepared date: 27-Oct-2007
Prepared by: Zhouhua
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift
will cause big current change ( Burn out will happen ).
2. Storage time
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - G6C-BM1N2B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
G6C-BM2P1B EVERLIGHT-G6C-BM2P1B Datasheet
145Kb / 10P
   Chip LED(0.8mm Height)
More results

Similar Description - G6C-BM1N2B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-XL2M2TY EVERLIGHT-BHC-XL2M2TY Datasheet
142Kb / 10P
   Chip LED (1.0mm Height)
15-21SURC EVERLIGHT-15-21SURC Datasheet
134Kb / 9P
   Chip LED (1.0mm Height)
17-21SYGC EVERLIGHT-17-21SYGC Datasheet
132Kb / 9P
   Chip LED(1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0805 Package Chip LED (1.0mm Height)
17-21-G6C-AP1Q1B-3T TO-GRACE-17-21-G6C-AP1Q1B-3T Datasheet
715Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T TO-GRACE-17-21-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0805 Package Chip LED(1.0mm Height)
logo
Everlight Electronics C...
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T Datasheet
123Kb / 10P
   1206 Package Chip LED (1.0mm Height)
15-21-B6C-YR1S2B2-2T EVERLIGHT-15-21-B6C-YR1S2B2-2T Datasheet
221Kb / 10P
   1206 Package Chip LED(1.0mm Height)
15-21-GHC-R2S2-2T EVERLIGHT-15-21-GHC-R2S2-2T Datasheet
192Kb / 10P
   1206 Package Chip LED (1.0mm Height)
17-21-Y2C-CP2Q2B-3T EVERLIGHT-17-21-Y2C-CP2Q2B-3T Datasheet
155Kb / 10P
   0805 Package Chip LED(1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com