Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6C-BM1N2B Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # G6C-BM1N2B
Description  Chip LED(1.0mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

G6C-BM1N2B Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  G6C-BM1N2B Datasheet HTML 1Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 2Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 3Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 4Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 5Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 6Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 7Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 8Page - Everlight Electronics Co., Ltd G6C-BM1N2B Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-21/G6C-BM1N2B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 2 of 10
Device No:SZDSE-171-G52
Prepared date: 27-Oct-2007
Prepared by: Zhouhua
Package Outline Dimensions
+
-
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - G6C-BM1N2B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
G6C-BM2P1B EVERLIGHT-G6C-BM2P1B Datasheet
145Kb / 10P
   Chip LED(0.8mm Height)
More results

Similar Description - G6C-BM1N2B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-XL2M2TY EVERLIGHT-BHC-XL2M2TY Datasheet
142Kb / 10P
   Chip LED (1.0mm Height)
15-21SURC EVERLIGHT-15-21SURC Datasheet
134Kb / 9P
   Chip LED (1.0mm Height)
17-21SYGC EVERLIGHT-17-21SYGC Datasheet
132Kb / 9P
   Chip LED(1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0805 Package Chip LED (1.0mm Height)
17-21-G6C-AP1Q1B-3T TO-GRACE-17-21-G6C-AP1Q1B-3T Datasheet
715Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T TO-GRACE-17-21-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0805 Package Chip LED(1.0mm Height)
logo
Everlight Electronics C...
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T Datasheet
123Kb / 10P
   1206 Package Chip LED (1.0mm Height)
15-21-B6C-YR1S2B2-2T EVERLIGHT-15-21-B6C-YR1S2B2-2T Datasheet
221Kb / 10P
   1206 Package Chip LED(1.0mm Height)
15-21-GHC-R2S2-2T EVERLIGHT-15-21-GHC-R2S2-2T Datasheet
192Kb / 10P
   1206 Package Chip LED (1.0mm Height)
17-21-Y2C-CP2Q2B-3T EVERLIGHT-17-21-Y2C-CP2Q2B-3T Datasheet
155Kb / 10P
   0805 Package Chip LED(1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com