Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB95F128MB
Description  8-bit Microcontrollers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F128MB Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB95F128MB Datasheet HTML 7Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 8Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 9Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 10Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 11Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 12Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 13Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 14Page - Fujitsu Component Limited. MB95F128MB Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
MB95120MB Series
11
(Continued)
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
26
29
AVSS
A/D converter power supply pin (GND)
27
30
P30/AN00
J
General-purpose I/O port
The pins are shared with A/D converter analog input.
28
31
P31/AN01
29
32
P32/AN02
30
33
P33/AN03
31
34
P34/AN04
32
35
P35/AN05
33
36
P36/AN06
34
37
P37/AN07
35
38
P40/AN08
J
General-purpose I/O port
The pins are shared with A/D converter analog input.
36
39
P41/AN09
37
40
P42/AN10
38
41
P43/AN11
39
42
P53/TRG1
H
General-purpose I/O port
The pin is shared with 16-bit PPG ch.1 trigger input.
40
43
P70/TO0
H
General-purpose I/O port
The pin is shared with 16-bit reload timer ch.0 output.
41
44
P71/TI0
General-purpose I/O port
The pin is shared with 16-bit reload timer ch.0 input.
42
45
P67/SEG39/
SIN
N
General-purpose I/O port
The pin is shared with LCDC SEG output (SEG39) and LIN-
UART data input (SIN) .
43
46
P66/SEG38/
SOT
M
General-purpose I/O port
The pin is shared with LCDC SEG output (SEG38) and LIN-
UART data output (SOT) .
44
47
P65/SEG37/
SCK
General-purpose I/O port
The pin is shared with LCDC SEG output (SEG37) and LIN-
UART clock I/O (SCK) .
45
48
P64/SEG36/
EC1
General-purpose I/O port
The pin is shared with LCDC SEG output (SEG36) and
8/16-bit compound timer ch.1 clock input (EC1) .
46
49
P63/SEG35/
TO11
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG34,
SEG35) and 8/16-bit compound timer ch.1 output (TO10,
TO11) .
47
50
P62/SEG34/
TO10
48
51
RST
B'
Reset pin
49
52
X0A
A
Sub clock oscillation pin (32 kHz)
50
53
X1A
51
54
VSS
Power supply pin (GND)


Similar Part No. - MB95F128MB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F128MB FUJITSU-MB95F128MB Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F128MBPF FUJITSU-MB95F128MBPF Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F128MBPMC FUJITSU-MB95F128MBPMC Datasheet
1Mb / 80P
   8-bit Microcontrollers
More results

Similar Description - MB95F128MB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com