Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-21UYC Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 17-21UYC
Description  Chip LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-21UYC Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  17-21UYC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-21UYC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-21UYC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 2 of 10
Device No:SZDSE-171-025
Prepared date: 17-Aug-2005
Prepared by:Meng Yali
Package Outline Dimensions
Cathode mark
1.4± 0.1
2.0± 0.1
0.75± 0.15
R0.2± 0.1
1.2± 0.1
+
Polarity
-
For reflow soldering (propose)
2.1± 0.1
1.2± 0.1
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - 17-21UYC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21UYC-S530-A3-TR8 EVERLIGHT-17-21UYC-S530-A3-TR8 Datasheet
227Kb / 9P
   0805 Package Chip LED(1.0mm Height)
More results

Similar Description - 17-21UYC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
   Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
   Chip LEDs
25-21UBC EVERLIGHT-25-21UBC Datasheet
154Kb / 9P
   Chip LEDs
23-21UBC EVERLIGHT-23-21UBC Datasheet
159Kb / 9P
   Chip LEDs
25-21UYC EVERLIGHT-25-21UYC Datasheet
174Kb / 9P
   Chip LEDs
17-21SYGC-S530 EVERLIGHT-17-21SYGC-S530 Datasheet
241Kb / 10P
   Chip LEDs
25-21SYGC EVERLIGHT-25-21SYGC Datasheet
157Kb / 9P
   Chip LEDs
T1D-CR1S1E EVERLIGHT-T1D-CR1S1E Datasheet
149Kb / 12P
   Chip LEDS
25-21SURC EVERLIGHT-25-21SURC Datasheet
156Kb / 9P
   Chip LEDs
BHC-AN1P2 EVERLIGHT-BHC-AN1P2 Datasheet
149Kb / 10P
   Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com