Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1630ACS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1630ACS
Description  HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630ACS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1630ACS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630ACS Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AIC1630A
HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
SPEC NO: DS-1630A-04
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F,9IndustryE.9th Road,Science-basedIndustrial Park, Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
2
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ………………………..……………………………………………… 7.0V
DC Voltage Applied On All Other Pins ………………………………………………. 7.0V
Operating Temperature Range ………………………………………………… 0
°°°°C~70°°°°C
Storage Temperature Range ……………………………………………… -65
°°°°C ~150°°°°C
TEST CIRCUIT
Refer to Typical Application Circuit.
ELECTRICAL CHARACTERISTICS (V
IN=3.0V, Ta=25°
°°°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
1.8
7
V
Default Output Voltage
I
L=200mA
4.8
5
5.2
V
Switch Off Current
105
140
µA
Shutdown Mode Current
7
15
µA
Recovery Time from Shutdown
V
IN=2.5V, IL=200mA
0.4
mS
Efficiency
I
L=300mA
Fig. 1 in Appl. Examples
85
%
Line Regulation
V
IN=2.2~3.3V
V
OUT=5V, IL=100mA
0.6
%VOUT
Load Regulation
I
L=10mA~500mA
V
OUT=5V
2.5
%VOUT
Oscillator Frequency
90
120
150
KHz
LBI Pin Trip Point
1.17
1.22
1.27
V
FB Threshold Voltage
0.598
0.617
0.636
V
EXT Pin Driving Capability
Pin 8=5V, Pin 3= 0.85V
Sourcing
Sinking
80
50
mA
mA
LBO “ON Resistance”
V
IN=2V
45
Input Pin Bias Current
10
nA/Pin
Output Pin Leakage
10
nA/Pin


Similar Part No. - AIC1630ACS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630ACS AIC-AIC1630ACS Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
More results

Similar Description - AIC1630ACS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com