Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7524L-D08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7524L-D08-T
Description  POWER FACTOR CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7524L-D08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  7524L-D08-T Datasheet HTML 1Page - Unisonic Technologies 7524L-D08-T Datasheet HTML 2Page - Unisonic Technologies 7524L-D08-T Datasheet HTML 3Page - Unisonic Technologies 7524L-D08-T Datasheet HTML 4Page - Unisonic Technologies 7524L-D08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7524
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R114-002.D
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Low Clamp Voltage
VIC(L)
IDET=0mA
0.95
V
Input High Clamp Voltage
VIC(H)
IDET=3mA
6.1
7.1
V
Input Current
IIN
0.8V<VDET<6V
5
µA
Input Clamp Diode Current
II(CD)
VDET<0.9V,VDET>6V
3
mA
Output Section
Output Voltage(High)
VO(H)
IOUT=-10mA,VCC=12V
7
9
V
Output Voltage(low)
VO(L)
IOUT =10mA,VCC=12V
0.8
1.8
V
Rising Time
tR
CL=1000pF
100
200
ns
Failing Time
tF
CL=1000pF
90
200
ns
Self-Start Section
Self Starting Time
tSS
12
µs
Note: 1.Reference can not be tested on the PKG
2.Gv=VO(M)/(VI(M1)*(VI(M2)-VREF))


Similar Part No. - 7524L-D08-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
7524-D08-T ETL-7524-D08-T Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
7524-S08-R ETL-7524-S08-R Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
7524-S08-T ETL-7524-S08-T Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results

Similar Description - 7524L-D08-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com