Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRC634PRF Datasheet(PDF) 9 Page - International Rectifier

Part # IRC634PRF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRC634PRF Datasheet(HTML) 9 Page - International Rectifier

  IRC634PRF Datasheet HTML 1Page - International Rectifier IRC634PRF Datasheet HTML 2Page - International Rectifier IRC634PRF Datasheet HTML 3Page - International Rectifier IRC634PRF Datasheet HTML 4Page - International Rectifier IRC634PRF Datasheet HTML 5Page - International Rectifier IRC634PRF Datasheet HTML 6Page - International Rectifier IRC634PRF Datasheet HTML 7Page - International Rectifier IRC634PRF Datasheet HTML 8Page - International Rectifier IRC634PRF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRC634PbF
www.irf.com
9
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 02/05
LINE C
EXAMPLE:
LOT CODE 1789
AS S EMBLED ON WW 19, 1997
IN T HE AS S E MBLY LINE "C"
WIT H ASSEMBLY
T HIS IS AN IRC640
LOT CODE
AS S EMBLY
INT ERNATIONAL
RECTIFIER
LOGO
IRC640
17
89
719C
DAT E CODE
YE AR 7 = 1997
PART NUMBE R
WEEK 19
Hexsense TO-220 5L Part Marking Information
HexsenseTO-220 5L Package Outline
( Dimensions are shown in millimeters (inches)


Similar Part No. - IRC634PRF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC634 IRF-IRC634 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
More results

Similar Description - IRC634PRF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com