Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71NS-N Datasheet(PDF) 6 Page - SPANSION

Part # S71NS-N
Description  MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS-N Datasheet(HTML) 6 Page - SPANSION

Back Button S71NS-N Datasheet HTML 2Page - SPANSION S71NS-N Datasheet HTML 3Page - SPANSION S71NS-N Datasheet HTML 4Page - SPANSION S71NS-N Datasheet HTML 5Page - SPANSION S71NS-N Datasheet HTML 6Page - SPANSION S71NS-N Datasheet HTML 7Page - SPANSION S71NS-N Datasheet HTML 8Page - SPANSION S71NS-N Datasheet HTML 9Page - SPANSION S71NS-N Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
S71NS-N MCP Products
S71NS-N_00_A7 March 26, 2008
Data
Sheet
(Adv an ce
Inf o r m a t io n)
3.
MCP Block Diagram
Figure 3.1 MCP Block Diagram
Note
The CLK and WAIT signals on the pSRAM are not present on the pSRAM Type 2; therefore, for those MCP's, those signals will only be
connected to the NS flash, but not to the pSRAM. Also, on this pSRAM, the CRE signal will not be present at all.
4.
Connection Diagrams/Physical Dimensions
This section contains the I/O designations and package specifications for the S71NS-N.
4.1
Special Handling Instructions for FBGA Packages
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
F-RST#
RST#
F-ACC
ACC
F-WP#
WP#
RDY
RDY/ WAIT
F-CE#
CE#
OE#
OE#
WE#
WE#
AD15-AD0
AD15-AD0
AVD#
AVD#
CLK
CLK
Amax-A16
Amax-A16
CRE
UB#
LB#
WAIT
R-CE#
CE#
OE#
WE#
AD15-AD0
AVD#
CLK
Amax-A16
NS
pSRAM
R-CRE
R-UB#
R-LB #


Similar Part No. - S71NS-N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
More results

Similar Description - S71NS-N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com