Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI20C50GM1U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WI20C50GM1U
Description  WIRE WOUND INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WI20C50GM1U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WI20C50GM1U Datasheet HTML 1Page - List of Unclassifed Manufacturers WI20C50GM1U Datasheet HTML 2Page - List of Unclassifed Manufacturers WI20C50GM1U Datasheet HTML 3Page - List of Unclassifed Manufacturers WI20C50GM1U Datasheet HTML 4Page - List of Unclassifed Manufacturers WI20C50GM1U Datasheet HTML 5Page - List of Unclassifed Manufacturers WI20C50GM1U Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series
WI - C
WI50C50
Part Number
L (µH)
Tolerance (
±% )
Q Min.
Test
Frequency
(MHz)
SRF (MHz)
Min.
RDC (Ω )Max.
IDC (mA)
WI50C50GK - 1U
1.00
K
10
7.96
95.0
0.030
1800
WI50C50GK - 1U2
1.20
K
10
7.96
70.0
0.035
1700
WI50C50GK - 1U5
1.50
K
10
7.96
55.0
0.040
1600
WI50C50GK - 1U8
1.80
K
10
7.96
47.0
0.050
1400
WI50C50GK - 2U
2.20
K
10
7.96
42.0
0.060
1300
WI50C50GK - 2U7
2.70
K
10
7.96
37.0
0.070
1200
WI50C50GK - 3U3
3.30
K
10
7.96
34.0
0.080
1120
WI50C50GK - 3U9
3.90
K
10
7.96
32.0
0.090
1050
WI50C50GK - 4U7
4.70
K
10
7.96
29.0
0.110
950
WI50C50GK - 5U6
5.60
K
10
7.96
26.0
0.130
880
WI50C50GK - 6U8
6.80
K
10
7.96
24.0
0.150
810
WI50C50GK - 8U2
8.20
K
10
7.96
22.0
0.180
750
WI50C50GK - 10U
10.00
K
10
2.52
19.0
0.210
690
WI50C50GK - 12U
12.00
K
10
2.52
17.0
0.250
630
WI50C50GK - 15U
15.00
K
10
2.52
16.0
0.300
580
WI50C50GK - 18U
18.00
K
10
2.52
14.0
0.360
530
WI50C50GK - 22U
22.00
K
10
2.52
13.0
0.430
480
WI50C50GK - 27U
27.00
K
10
2.52
11.5
0.520
440
WI50C50GK - 33U
33.00
K
10
2.52
10.5
0.620
400
WI50C50GK - 39U
39.00
K
10
2.52
9.5
0.720
370
WI50C50GK - 47U
47.00
K
10
2.52
8.5
0.850
340
WI50C50GK - 56U
56.00
K
10
2.52
7.8
1.000
310
WI50C50GK - 68U
68.00
K
10
2.52
7.0
1.200
290
WI50C50GK - 82U
82.00
K
10
2.52
6.4
1.400
270
WI50C50GK - 100U
100.00
K
20
0.796
6.0
1.600
250
WI50C50GK - 120U
120.00
K
20
0.796
5.4
1.900
230
WI50C50GK - 150U
150.00
K
20
0.796
4.8
2.200
210
WI50C50GK - 180U
180.00
K
20
0.796
4.4
2.800
190
WI50C50GK - 220U
220.00
K
20
0.796
3.9
3.400
170
WI50C50GK - 270U
270.00
K
20
0.796
3.6
4.200
155
WI50C50GK - 330U
330.00
K
20
0.796
3.2
4.900
140
WI50C50GK - 390U
390.00
K
20
0.796
2.9
5.800
130
WI50C50GK - 470U
470.00
K
20
0.796
2.6
7.000
120
WI50C50GK - 560U
560.00
K
20
0.796
2.4
8.500
110
WI50C50GK - 680U
680.00
K
20
0.796
2.2
10.000
100
WI50C50GK - 820U
820.00
K
20
0.796
2.0
13.000
90
WI50C50GK - 1M
1000
K
20
0.252
1.8
15.000
85
Tolerance: J = ±5%, K = ±10%
L/Q : HP4284A LF Impedance Analyzer
Test Instruments : HP4291A Impedance / Material Analyzer
IDC : HP4284A & HP42841A
Gausstek Corp.
WIRE WOUND INDUCTORS FERRITE BASE / LARGE CURRENT
ELECTRICAL CHARATERISTICS
Operating temperature range from -25℃ to 85℃ .
L/Q' SRF : HP4286A RF Impedance Analyzer
RDC: DIGITAL MULTIMETER HP4338B / CH502BC


Similar Part No. - WI20C50GM1U

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-11 SUPERWORLD-WI252018-101JF-11 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-22 SUPERWORLD-WI252018-101JF-22 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-55 SUPERWORLD-WI252018-101JF-55 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-77 SUPERWORLD-WI252018-101JF-77 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI20C50GM1U

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE1R0J KOA-KL32TTE1R0J Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com