Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68332VR20 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TS68332VR20
Description  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VR20 Datasheet(HTML) 1 Page - ATMEL Corporation

  TS68332VR20 Datasheet HTML 1Page - ATMEL Corporation TS68332VR20 Datasheet HTML 2Page - ATMEL Corporation TS68332VR20 Datasheet HTML 3Page - ATMEL Corporation TS68332VR20 Datasheet HTML 4Page - ATMEL Corporation TS68332VR20 Datasheet HTML 5Page - ATMEL Corporation TS68332VR20 Datasheet HTML 6Page - ATMEL Corporation TS68332VR20 Datasheet HTML 7Page - ATMEL Corporation TS68332VR20 Datasheet HTML 8Page - ATMEL Corporation TS68332VR20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Features
Low-power Operation Including Special STOP Mode
Frequency: 16.78 MHz at 5V ± 10% Supply and 20.97 MHz at 5V ± 5%, Software
Programmable
Technology: 1µ High-density Complementary Metal-Oxide Semiconductor (HCMOS),
Static Design
Package: 132-pin Ceramic Leaded Chip Carrier (CERQUAD) and 132-pin Ceramic Pin
Grid Array (PGA)
Modular Architecture in a Single Chip
CPU: 32-bit 6800 Family (Upward Object-code Compatible with The 68010)
New Instructions For Controller Applications
Intelligent 16-bit Timer
– 16 Independent, Programmable Channels
– Any Channel Can Perform Any Time Function (For Example Input Capture, Output
Compare, Pulse Width Modulation, etc.)
– Two timer Count Registers with 2-bit Programmable Prescalers
– Selectable Channel Priority Levels
– Reduced CPU Intervention
– RISC like CPU within the TPU
Two Serial I/O Subsystems
– Enhanced 68HC11-type Serial Communications Interface (SCI) Universal
Asynchronous Receiver Transmitter (UART) with Parity
– Enhanced 68HC11-type Serial Peripheral Interface with I/O RAM Queue (QSPI)
On-chip Memory: 2-Kbytes Standby RAM
On-chip, Programmable, Chip-select Logic
– Up to 12 Signals for Memory and Peripheral Interface with I/O Select
System Failure Protection
– 68HC11-type Computer Operating Properly (COP) Watchdog Timer
– 68HC11-type Periodic Interrupt Timer
– 68000 Family Spurious Interrupt, Halt, and Bus Time-out Monitors
Up to 48 Discrete I/O Pins
1.
Description
The TS68332 is a 32-bit microcontroller, combining high-performance data manipula-
tion capabilities with powerful peripheral subsystems. The TS68332 is the first
member of the 68300 family of modular embedded controllers featuring fully static,
high-speed complementary metal-oxide semiconductor technology. Based on the
powerful TS68020, the CPU32 instruction processing module provides enhanced sys-
tem performance and utilizes the extensive software base of the 68000 family.
High-
performance
32-bit Integrated
Microcontroller
TS68332
2118A–HIREL–11/05


Similar Part No. - TS68332VR20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332VR20 ATMEL-TS68332VR20 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Similar Description - TS68332VR20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com