Electronic Components Datasheet Search |
|
222286144159 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
222286144159 Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 15 page 2000 Sep 11 2 Philips Components Product specification Surface mount ceramic multilayer capacitors Class 1, NP0 50/100/200/500 V Noble Metal Electrode FEATURES • Seven standard sizes • High capacitance per unit volume • Supplied in tape on reel or in bulk case (case sizes 0402, 0603 and 0805 only) • For high frequency applications • NiSn terminations (AgPd on request). APPLICATIONS • Consumer electronics • Telecommunications • Automotive • Data processing. DESCRIPTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved precious metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two terminations, either by silver palladium (AgPd) alloy in the ratio 65 : 35, or silver dipped with a barrier layer of plated nickel and finally covered with a layer of plated tin (NiSn). A cross section of the structure is shown in Fig.1. QUICK REFERENCE DATA Notes 1. Other values below 10 pF and non E12 series are available on request. 2. Also applicable for applications up to 63 V. DESCRIPTION VALUE Rated voltage UR (DC) 50 V, 100 V, 200 V and 500 V (IEC) Capacitance range (E12 series); note 1: 50 V; note 2 0.47 pF to 47000 pF 100 V 10pFto22nF 200 V 10 pF to 5600 pF 500 V 10 pF to 3300 pF Tolerance on capacitance: C ≥ 10 pF ±5%; ±2% C < 10 pF ±0.5 pF; ±0.25 pF Test voltage (DC) for 1 minute: 50 V and 100 V 2.5 × UR 200 V 3 × UR 500 V 2 × UR Sectional specifications IEC 60384-10, second edition 1989-04; also based on CECC 32 100 Detailed specification based on CECC 32 101-801 Climatic category (IEC 60068) 55/125/56 MLB457 terminations electrodes ceramic material Fig.1 Construction of a ceramic multilayer capacitor. |
Similar Part No. - 222286144159 |
|
Similar Description - 222286144159 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |