Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1518-180-80T3 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1518-180-80T3
Description  5-TAP SMD DELAY LINE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1518-180-80T3 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1518-180-80T3 Datasheet HTML 1Page - Data Delay Devices, Inc. 1518-180-80T3 Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1518
Doc #97030
DATA DELAY DEVICES, INC.
1
2/7/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP SMD DELAY LINE
TD/TR = 3
(SERIES 1518)
FEATURES
PACKAGES
5 taps of equal delay increment
Delays to 200ns
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1518-series device is a fixed, single-input, five-
output, passive delay line. The signal input (IN) is
reproduced at the outputs (T1-T5) in equal increments.
The delay from IN to T5 (TD) and the characteristic
impedance of the line (Z) are determined by the dash
number. The rise time (TR) of the line is 30% of TD, and
the 3dB bandwidth is given by 1.05 / TD. The device is
available in a 14-pin SMD with two pinout options.
Part numbers are constructed according to the scheme
shown at right. For example, 1518-101-500A is a 100ns,
50
Ω delay line with pinout code A. Similarly, 1518-151-
501 a is 150ns, 500
Ω delay line with standard pinout.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient: 100 PPM/
°C
GND
IN
T5
T1
T2
T3
T4
GND
Functional Diagram
Package Dimensions
.290
1
7
8
14
.300
.100
.505
.018
.050
.425
.185
data
delay
devices, inc.
®
®
3
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
T2
N/C
T4
T5
GND
N/C
T1
N/C
T3
N/C
N/C
N/C
IN
Signal Input
T1-T5 Tap Outputs
GND
Ground
Note: Standard pinout shown
Alt. pinout available
DELAY TIME
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
IMPEDANCE
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
PINOUT CODE
See Table
Omit for STD pinout
PART NUMBER CONSTRUCTION
1518 - xxx - zzz p
DELAY SPECIFICATIONS
TD
TI
TR
ATTENUATION (%) TYPICAL
(ns)
(ns)
(ns)
Z=50
Ω Z=100Ω
Ω Z=200Ω
Ω Z=300Ω
Ω Z=500Ω
5
1.0
3.0
N/A
5
N/A
N/A
N/A
10
2.0
4.0
3
5
5
N/A
N/A
15
3.0
5.0
3
5
5
N/A
N/A
20
4.0
6.0
3
5
5
5
N/A
25
5.0
7.0
3
5
5
5
7
30
6.0
10.0
3
5
5
5
7
40
8.0
13.0
3
5
5
5
7
50
10.0
15.0
3
5
5
7
7
60
12.0
20.0
3
5
6
7
8
75
15.0
25.0
3
5
6
7
8
80
16.0
26.0
4
5
6
7
8
100
20.0
30.0
4
5
6
7
8
110
22.0
32.0
4
5
6
7
8
125
25.0
40.0
4
5
6
7
8
150
30.0
50.0
N/A
5
8
10
10
180
36.0
60.0
N/A
7
8
10
10
200
50.0
70.0
N/A
8
10
12
12
Notes: TI represents nominal tap-to-tap delay increment
Tolerance on TD =
±±5% or ±±2ns, whichever is greater
Tolerance on TI =
±±5% or ±±1ns, whichever is greater
“N/A” indicates that delay is not available at this Z
PINOUT CODES
CODE
IN
T1
T2
T3
T4
T5
GND
STD
1
13
3
11
5
6
7
A
1
12
4
10
6
7
8,14
©
©1997 Data Delay Devices


Similar Part No. - 1518-180-80T3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1518-10-1.0A DATADELAY-1518-10-1.0A Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-1.0STD DATADELAY-1518-10-1.0STD Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-2.0A DATADELAY-1518-10-2.0A Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-2.0STD DATADELAY-1518-10-2.0STD Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-3.0A DATADELAY-1518-10-3.0A Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
More results

Similar Description - 1518-180-80T3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Data Delay Devices, Inc...
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com