Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94-22UYC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 94-22UYC
Description  High Performance with Reflector LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

94-22UYC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  94-22UYC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 94-22UYC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 94-22UYC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 94-22UYC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 94-22UYC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 94-22UYC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO., LTD
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 3 of 6
Device No. : DSE-942-043
Prepared date: 22-Sep-2005
Prepared by: Ray Yuan
94-22UYC/S530-XX
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +100
Electrostatic Discharge(HBM)
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current(Duty 1/10 @ 1KHZ)
IFP
60
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
*Chip
Rank
Min.
Typ.
Max.
Unit
Condition
A2
59
77
A3
95
106
A4
124
140
Luminous intensity
IV
A5
155
170
-----
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
-----
130
-----
deg
IF=20mA
Peak Wavelength
λp
-----
-----
591
-----
nm
IF=20mA
Dominant
Wavelength
λd
-----
-----
589
-----
nm
IF=20mA
Spectrum Radiation
Bandwidth
△λ
-----
-----
15
-----
nm
IF=20mA
Forward Voltage
VF
-----
-----
4.0
4.8
V
IF=20mA
Reverse Current
IR
-----
-----
-----
10
μA
VR=5V
* 94-22UYC/S530-XX
Chip Rank


Similar Part No. - 94-22UYC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
   High Performance with Reflector LEDs
94-22UYC/S530-XX/S2 EVERLIGHT-94-22UYC/S530-XX/S2 Datasheet
101Kb / 6P
   High Performance with Reflector LEDs
More results

Similar Description - 94-22UYC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
   High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
   High Performance with Reflector LEDs
logo
Everlight Electronics C...
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
   High Performance with Reflector LEDs
94-22SUGC EVERLIGHT-94-22SUGC Datasheet
99Kb / 6P
   High Performance with Reflector LEDs
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Everlight Electronics C...
96-22SYGC EVERLIGHT-96-22SYGC Datasheet
114Kb / 6P
   High Performance with Reflector LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com