Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC244 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC244
Description  HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC244 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC244 Datasheet HTML 1Page - STMicroelectronics M54HC244 Datasheet HTML 2Page - STMicroelectronics M54HC244 Datasheet HTML 3Page - STMicroelectronics M54HC244 Datasheet HTML 4Page - STMicroelectronics M54HC244 Datasheet HTML 5Page - STMicroelectronics M54HC244 Datasheet HTML 6Page - STMicroelectronics M54HC244 Datasheet HTML 7Page - STMicroelectronics M54HC244 Datasheet HTML 8Page - STMicroelectronics M54HC244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHIP CARRIER
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HC240)
PIN No
SYMBOL
NAME AND FUNCTION
1
1G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enabel Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC244)
PIN No
SYMBOL
NAME AND FUNCTION
1
1G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enabel Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC241)
PIN No
SYMBOL
NAME AND FUNCTION
1
1G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enabel Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
HC244
HC241
HC240
M54/M74HC240/241/244
2/12


Similar Part No. - M54HC244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
154Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC244D STMICROELECTRONICS-M54HC244D Datasheet
154Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HC244D STMICROELECTRONICS-M54HC244D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC244D1 STMICROELECTRONICS-M54HC244D1 Datasheet
154Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
More results

Similar Description - M54HC244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT240 STMICROELECTRONICS-M54HCT240 Datasheet
262Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT240: INVERTED - HCT241/244 NON INVERTED
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com