Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0604HQ-4N5_X_ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0604HQ-4N5_X_
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0604HQ-4N5_X_ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0604HQ-4N5_X_ Datasheet HTML 1Page - List of Unclassifed Manufacturers 0604HQ-4N5_X_ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ChipInductors-0604SMSSeries(1610)
ChipInductors-0604HQSeries(1610)
Document 285-1
Specifications subject to change without notice.
Document 285-1
Revised 9/3/02
SRF
DCR
IIIIIDC
2Inductance2
Percent
Q
900 MHz
1.7 GHz
2min5
2max6 2max7
Color
2Part number1
(nH)
2tolerance3 2min4
L typ
Q typ
L typ
Q typ
(MHz)
(Ohms)
(A)
code
0604HQ-1N1_X_
1.15 @ 500 MHz
10,5
25
1.2
40
1.2
136
6000
0.021
3.0
Black
0604HQ-2N6_X_
2.6 @ 500 MHz
10,5
45
2.6
78
2.6
163
6000
0.026
2.0
Brown
0604HQ-4N5_X_
4.5 @ 500 MHz
10,5
50
4.5 103
4.7
155
5800
0.032
1.8
Red
0604HQ-5N0_X_
5.0 @ 500 MHz
10,5
60
4.9 106
5.2
178
5300
0.032
1.6
Orange
0604HQ-6N8_X_
6.8 @ 500 MHz
10,5
60
6.9 101
7.4
172
4700
0.035
1.8
Yellow
0604HQ-7N6_X_
7.6 @ 500 MHz
10,5
60
7.4 109
7.9
137
4400
0.035
1.5
Green
0604HQ-10N_X_
10.4 @ 500 MHz
10,5
60
10.6 103
11.5
160
4100
0.037
1.5
Blue
1. When ordering, please specify tolerance and packaging codes:
Inductance tolerance code:
Table above shows stock tolerances in bold.
J= ±5%, K= ±10%
0604HQ-10N_X_
Packaging code:
C= 7 machine-ready reel
EIA RS-481 clear plastic
tape. (2000 per full reel)
B= Less than full reel
On tape, not machine ready.
To have a leader and a trailer added ($25 charge),
use code letter C instead.
2. Inductance measured using Coilcraft SMD-A fixture in Agilent/HP4286
impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 500MHz using Agilent/HP4291A with Agilent/HP16193
test fixture and on Agilent/HP8753D with Coilcraft SMD-D test fixture.
5. SRF measured using Agilent/HP8753D network analyzer and Coilcraft
SMD-D test fixture.
6. DCR measured on Cambridge Technology micro-ohmmeter and
Coilcraft CCF858 test fixture.
7. For 15° C rise.
8. Operating temperature range
−40°C to +125°C.
9. Electrical specifications at 25°C.
For environmental data see Product Specifications section.
The 0604HQ Series offers the highest Q factors and
current handling capabilities of any inductor this small.
These parts combine the exceptionally high Q of an air
core inductor with the rugged construction of a ceramic
body component. They also provide intermediate induc-
tance values not available in Coilcraft’s 0603, 0402 or
0906 product families. Custom values may be available.
Coilcraft Designer’s Kit C151 contains samples of all
values shown. To order, contact Coilcraft or purchase
it on-line at http://order.coilcraft.com.


Similar Part No. - 0604HQ-4N5_X_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0604HQ-4N5XJL COILCRAFT-0604HQ-4N5XJL Datasheet
220Kb / 2P
   Chip Inductors
More results

Similar Description - 0604HQ-4N5_X_

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com