Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

96-22SURC Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 96-22SURC
Description  High performance SMD LED with Reflector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

96-22SURC Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  96-22SURC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 96-22SURC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 96-22SURC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 96-22SURC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 96-22SURC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 96-22SURC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 6 of 6
Device No. : DSE-962-023
prepared date: 19-Sep-2005
Prepared by: Venis Wu
96-22SURC/S530-XX
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30 deg C or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 96-22SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC-S400-A4 EVERLIGHT-96-22SUBC-S400-A4 Datasheet
123Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC/S400-XX EVERLIGHT-96-22SUBC/S400-XX Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC/S400-A4 EVERLIGHT-96-22SUGC/S400-A4 Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
More results

Similar Description - 96-22SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com