Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

223886742159 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 223886742159
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

223886742159 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 223886742159 Datasheet HTML 5Page - NXP Semiconductors 223886742159 Datasheet HTML 6Page - NXP Semiconductors 223886742159 Datasheet HTML 7Page - NXP Semiconductors 223886742159 Datasheet HTML 8Page - NXP Semiconductors 223886742159 Datasheet HTML 9Page - NXP Semiconductors 223886742159 Datasheet HTML 10Page - NXP Semiconductors 223886742159 Datasheet HTML 11Page - NXP Semiconductors 223886742159 Datasheet HTML 12Page - NXP Semiconductors 223886742159 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2000 Sep 11
9
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 200 V and 500 V
Noble Metal Electrode
SELECTION CHART FOR 200 V AND 500 V
Thickness classification and packaging quantities
C
(pF)
LAST
TWO DIGITS
OF 12NC
200 V
500 V
0805
1206
1210
1812
1206
1210
1812
10
23
12
24
15
25
18
26
22
27
27
28
33
29
39
31
0.6
±0.1
47
32
0.6
±0.1
56
33
68
34
0.6
±0.1
82
35
100
36
120
37
150
38
180
39
220
41
0.8 to 1.0
270
42
330
43
0.85
±0.1
390
44
470
45
560
46
1.25
±0.1
0.85
±0.1
680
47
820
48
1.15
±0.1
1000
49
0.85
±0.1
1200
51
0.9 to 1.3
1500
52
1.15
±0.1
1800
53
0.8 to 1.0
1.2 to 1.75
2200
54
2700
55
0.9 to 1.3
0.9 to 1.3
3300
56
3900
57
0.8 to 1.0
4700
58
0.9 to 1.3
5600
59
6800
61
Values in shaded cells indicate thickness classification.
8200
62
10000
63
THICKNESS
CLASSIFICATION
(mm)
8 mm TAPE WIDTH
AMOUNT PER REEL
12 mm TAPE WIDTH
AMOUNT PER REEL
AMOUNT
PER BULK CASE
∅180 mm; 7"
∅330 mm; 13"
∅180 mm; 7" BLISTER
PAPER
BLISTER
PAPER
BLISTER
1812
0805
0.6
±0.1
4000
20000
−−
10000
0.85
±0.1
4000
15000
−−
8000
0.8 to 1.0
4000
10000
2000
0.9 to 1.3
3000
10000
1500
1.15
±0.1
3000
10000
−−
1.25
±0.1
3000
10000
5000
1.2 to 1.75
2500
7000
1200


Similar Part No. - 223886742159

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2238 KR-2238 Datasheet
15Kb / 1P
   Bandpass Filter
logo
List of Unclassifed Man...
2238 ETC2-2238 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
2238 ETC2-2238 Datasheet
567Kb / 3P
   Microwave Absorber Microwave Absorber
logo
TE Connectivity Ltd
2238007-1 TEC-2238007-1 Datasheet
155Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2238008-1 TEC-2238008-1 Datasheet
150Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 223886742159

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com