Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI32C221K1U2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WI32C221K1U2
Description  WIRE WOUND INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WI32C221K1U2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WI32C221K1U2 Datasheet HTML 1Page - List of Unclassifed Manufacturers WI32C221K1U2 Datasheet HTML 2Page - List of Unclassifed Manufacturers WI32C221K1U2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WI32C221K1U2 Datasheet HTML 4Page - List of Unclassifed Manufacturers WI32C221K1U2 Datasheet HTML 5Page - List of Unclassifed Manufacturers WI32C221K1U2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series
WI - C
WI25C22
Part Number
L (µH)
Tolerance
( ±% )
Q Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
RDC
(Ω ) Max.
IDC (mA)
WI25C222 □ - 1U
1.00
J,K
20
7.96
100.0
0.08
1500
WI25C222 □ - 1U5
1.50
J,K
20
7.96
80.0
0.13
1125
WI25C222 □ - 2U2
2.20
J,K
20
7.96
68.0
0.13
970
WI25C222 □ - 3U3
3.30
J,K
20
7.96
54.0
0.16
837
WI25C222 □ - 4U7
4.70
J,K
20
7.96
43.0
0.20
675
WI25C222 □ - 6U8
6.80
J,K
20
7.96
33.0
0.27
600
WI25C222 □ - 10U
10.00
J,K
15
2.52
28.0
0.36
520
WI25C222 □ - 15U
15.00
J,K
15
2.52
19.0
0.56
480
WI25C222 □ - 22U
22.00
J,K
15
2.52
16.0
0.77
310
WI25C222 □ - 33U
33.00
J,K
15
2.52
12.0
1.10
270
WI25C222 □ - 47U
47.00
J,K
15
2,52
10.0
1.64
210
WI25C222 □ - 68U
68.00
J,K
15
2.52
9.0
2.80
189
WI25C222 □ - 100U
100.00
J,K
15
0.796
6.0
3.70
145
WI25C222 □ - 150U
150.00
J,K
15
0.796
5.0
6.10
120
WI25C222 □ - 220U
220.00
J,K
15
0.796
4.0
8.40
100
WI25C222 □ - 330U
330.00
J,K
15
0.796
3.5
12.3
80
WI25C222 □ - 470U
470.00
J,K
15
0.796
2.8
22
75
WI25C222 □ - 680U
680.00
J,K
15
0.796
2.0
28
65
Tolerance: J = ±5%, K = ±10%
Operating temperature range from -25℃ to 85℃ .
L/Q : Agilent/HP4291A & Agilent/HP16193A (Over 1MHz)
Agilent/HP4285A & Agilent/HP16193A ((Under 1MHz)
Test Instruments : HP4291A Impedance / Material Analyzer
IDC for Inductance drp 10% from its value without current
Gausstek Corp.
WIRE WOUND INDUCTORS FERRITE BASE / LARGE CURRENT
ELECTRICAL CHARATERISTICS
SRF: Agilent/HP4291A
RDC: DIGITAL MULTIMETER CH502BC / HP4338B


Similar Part No. - WI32C221K1U2

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI322522-010JF SUPERWORLD-WI322522-010JF Datasheet
260Kb / 5P
   Wire Wound Inductor
WI322522-012JF SUPERWORLD-WI322522-012JF Datasheet
260Kb / 5P
   Wire Wound Inductor
WI322522-015JF SUPERWORLD-WI322522-015JF Datasheet
260Kb / 5P
   Wire Wound Inductor
WI322522-018JF SUPERWORLD-WI322522-018JF Datasheet
260Kb / 5P
   Wire Wound Inductor
More results

Similar Description - WI32C221K1U2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE1R0J KOA-KL32TTE1R0J Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com