Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI64-A6S2U Datasheet(PDF) 8 Page - STMicroelectronics

Part # LRI64-A6S2U
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A6S2U Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LRI64-A6S2U Datasheet HTML 4Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 5Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 6Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 7Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 8Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 9Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 10Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 11Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Description
LRI64
8/52
1.1
Memory mapping
The LRI64 is organized as 15 blocks of 8 bits as shown in Figure 3. Each block is
automatically write-protected after the first valid write access.
Figure 3.
LRI64 memory mapping
The LRI64 uses the first 8 blocks (blocks 0 to 7) to store the 64-bit unique identifier (UID).
The UID is used during the anticollision sequence (Inventory). It is written, by ST, at time of
manufacture, but part of it can be customer-accessible and customer-writable, on special
request.
The LRI64 has an AFI register, in which to store the application family identifier value, which
is also used during the anticollision sequence.
The LRI64 has a DSFID register, in which to store the data storage format identifier value,
which is used for the LRI64 Inventory answer.
The five following blocks (blocks 10 to 14) are write-once read-many (WORM) memory. It is
possible to write to each of them once. After the first valid write access, the block is
automatically locked, and only read commands are possible.
AI09741
Block
Addr
01234567
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
UID 0
UID 1
UID 2
UID 3
UID 4
UID 5 = IC_ID
UID 6 = 02h
UID 7 = E0h
AFI (WORM Area)
DSFID (WORM Area)
WORM Area
WORM Area
WORM Area
WORM Area
WORM Area


Similar Part No. - LRI64-A6S2U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64-A6S2U STMICROELECTRONICS-LRI64-A6S2U Datasheet
547Kb / 38P
   Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
LRI64-A6S2U STMICROELECTRONICS-LRI64-A6S2U Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRI64-A6S2U/XXX STMICROELECTRONICS-LRI64-A6S2U/XXX Datasheet
547Kb / 38P
   Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
More results

Similar Description - LRI64-A6S2U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64 STMICROELECTRONICS-LRI64_07 Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI1K STMICROELECTRONICS-LRI1K Datasheet
638Kb / 86P
   1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
   13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI64 STMICROELECTRONICS-LRI64 Datasheet
547Kb / 38P
   Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
SR176 STMICROELECTRONICS-SR176 Datasheet
118Kb / 5P
   13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com