Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17F16A-30CI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT17F16A-30CI
Description  FPGA Configuration Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F16A-30CI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT17F16A-30CI Datasheet HTML 4Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 5Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 6Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 7Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 8Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 9Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 10Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 11Page - ATMEL Corporation AT17F16A-30CI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
3474E–CNFG–2/08
AT17F16A
10. Standby Mode
The AT17FxxA Series Configurator enter a low-power standby mode whenever SER_EN is High
and nCS is asserted High. In this mode, the AT17FxxA Configurator typically consumes less
than 1 mA of current at 3.3V. The output remains in a high-impedance state regardless of the
state of the OE input.
11. Absolute Maximum Ratings*
Operating Temperature................................... -40
° C to +85° C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature .................................... -65
° C to +150° C
Voltage on Any Pin
with Respect to Ground ..............................-0.5V to V
CC +0.5V
Supply Voltage (V
CC) .........................................-0.5V to +4.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.)............ 260
° C
ESD (R
ZAP = 1.5K, CZAP = 100 pF)................................. 2000V
12. Operating Conditions
Symbol
Description
AT17FxxA Series
Configurator
Units
Min
Max
V
CC
Commercial
Supply voltage relative to GND
-0
° C to +70° C
2.97
3.63
V
Industrial
Supply voltage relative to GND
-40
° C to +85° C
2.97
3.63
V
13. DC Characteristics
Symbol
Description
AT17F16A
Units
Min
Max
V
IH
High-level Input Voltage
2.0
V
CC
V
V
IL
Low-level Input Voltage
0
0.8
V
V
OH
High-level Output Voltage (I
OH = -2.5 mA)
Commercial
2.4
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.4
V
V
OH
High-level Output Voltage (I
OH = -2 mA)
Industrial
2.4
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.4
V
I
CCA
Supply Current, Active Mode at Freq. Max.
50
mA
I
L
Input or Output Leakage Current (V
IN = VCC or GND)
-10
10
µA
I
CCS
Supply Current, Standby Mode
Commercial
3
mA
Industrial
3
mA


Similar Part No. - AT17F16A-30CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16A-30CU ATMEL-AT17F16A-30CU Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
More results

Similar Description - AT17F16A-30CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
AT18F010 ATMEL-AT18F010 Datasheet
347Kb / 16P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16 Datasheet
217Kb / 18P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com