Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR0S2J0471A50 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MOR0S2J0471A50
Description  Metal Oxide Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR0S2J0471A50 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MOR0S2J0471A50 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR0S2J0471A50 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Metal Oxide Film Resistors
Page 6
30/08/07 V1.1
Part Number Table
Resistance Value
Part Number
4K7
MOR03SJ0472A10
6K8
MOR03SJ0682A10
10K
MOR03SJ0103A10
15K
MOR03SJ0153A10
22K
MOR03SJ0223A10
33K
MOR03SJ0333A10
47K
MOR03SJ0473A10
22R
MOR07WJ0220B09
33R
MOR07WJ0330B09
47R
MOR07WJ0470B09
68R
MOR07WJ0680B09
100R
MOR07WJ0101B09
150R
MOR07WJ0151B09
220R
MOR07WJ0221B09
330R
MOR07WJ0331B09
470R
MOR07WJ0471B09
680R
MOR07WJ0681B09
1K
MOR07WJ0102B09
1K5
MOR07WJ0152B09
2K2
MOR07WJ0222B09
3K3
MOR07WJ0332B09
4K7
MOR07WJ0472B09
6K8
MOR07WJ0682B09
10K
MOR07WJ0103B09
15K
MOR07WJ0153B09
22K
MOR07WJ0223B09
33K
MOR07WJ0333B09
47K
MOR07WJ0473B09
68K
MOR07WJ0683B09
100K
MOR07WJ0104B09
3K3
MOR03SJ0332A10


Similar Part No. - MOR0S2J0471A50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR0S2J082JA10 ETC2-MOR0S2J082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JA20 ETC2-MOR0S2J082JA20 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JA40 ETC2-MOR0S2J082JA40 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JAA0 ETC2-MOR0S2J082JAA0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JAB0 ETC2-MOR0S2J082JAB0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results

Similar Description - MOR0S2J0471A50

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com