Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1A3-S Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G2R-1A3-S
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A3-S Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G2R-1A3-S Datasheet HTML 6Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 7Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 8Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 9Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 10Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 11Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 12Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 13Page - Omron Electronics LLC G2R-1A3-S Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
150
G2R
G2R
G2RK-1A, G2RK-1
G2RK-2A, G2RK-2
Switching current (A)
Switching current (A)
Fully sealed Relays
G2R-14, G2R-1A4
G2R-24, G2R-2A4
G2R-1Z4, G2R-1AZ4
Switching current (A)
Switching current (A)
Switching current (A)
30-VDC
inductive load
(L/R = 7ms)
250-VAC/30-VDC
resistive load
250-VAC inductive
load (cos
φ = 0.4)
250-VAC/30-VDC
resistive load
30-VDC inductive
load (L/R = 7 ms)
250-VAC inductive
load (cos
φ = 0.4)
250-VAC/30-VDC
resistive load
250-VAC/30-VDC
resistive load
250-VAC/30-VDC
resistive load
250-VAC inductive
load (cos
φ = 0.4)
250-VAC inductive load (cos
φ = 0.4)
250-VAC inductive
load (cos
φ = 0.4)
30-VDC inductive load (L/R = 7ms)
30-VDC inductive load
(L/R = 7 ms)
30-VDC inductive
load (L/R = 7 ms)
5,000
1,000
500
100
50
10,000
5,000
1,000
500
100
50
5,000
1,000
500
100
50
5,000
1,000
500
100
50
5,000
1,000
500
100
50
Ambient temperature (
°C)
Ambient Temperature vs Maximum Coil Voltage
DC coil
AC coil
Note: The maximum coil voltage refers to the maxi-
mum value in a varying range of operating
power voltage, not a continuous voltage.


Similar Part No. - G2R-1A3-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2R-1A3-S ETC-G2R-1A3-S Datasheet
193Kb / 11P
   General-purpose Relay
G2R-1A3-SN ETC-G2R-1A3-SN Datasheet
193Kb / 11P
   General-purpose Relay
G2R-1A3-SND ETC-G2R-1A3-SND Datasheet
193Kb / 11P
   General-purpose Relay
More results

Similar Description - G2R-1A3-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com