Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1Z Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G2R-1Z
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1Z Datasheet(HTML) 5 Page - Omron Electronics LLC

  G2R-1Z Datasheet HTML 1Page - Omron Electronics LLC G2R-1Z Datasheet HTML 2Page - Omron Electronics LLC G2R-1Z Datasheet HTML 3Page - Omron Electronics LLC G2R-1Z Datasheet HTML 4Page - Omron Electronics LLC G2R-1Z Datasheet HTML 5Page - Omron Electronics LLC G2R-1Z Datasheet HTML 6Page - Omron Electronics LLC G2R-1Z Datasheet HTML 7Page - Omron Electronics LLC G2R-1Z Datasheet HTML 8Page - Omron Electronics LLC G2R-1Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
145
G2R
G2R
PCB/Fully sealed Relays
Note:
P level:
l
60 = 0.1 x 10
–6/operation
Latching Relays
Note:
P level:
l
60 = 0.1 x 10
-6/operation
I Characteristics
Standard Relays
Note:
Values in the above table are the initial values.
*2,000 VAC, 50/60 Hz for 1 minute when the P2R-05A or P2R-08A socket is mounted.
Item
General-purpose (single contact)
Bifurcated contact
Number of poles
1 pole
2 poles
1 pole
Load
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Rated load
8 A at 250 VAC;
8 A at 30 VDC
6 A at 250 VAC;
4 A at 30 VDC
4 A at 250 VAC;
4 A at 30 VDC
1.5 A at 250 VAC;
2.5 A at 30 VDC
5 A at 250 VAC;
5 A at 30 VDC
2 A at 250 VAC;
3 A at 30 VDC
Rated carry current
8 A
4 A
5 A
Max. switching voltage 380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current 8 A
4 A
5 A
Max. switching power
2,000 VA,
240 W
1,500 VA,
120 W
1,000 VA,
120 W
375 VA,
75 W
1,250 VA,
150 W
500 VA,
90 W
Failure rate
(reference value)
100 mA at 5 VDC
10 mA at 5 VDC
1 mA at 5 VDC
Number of poles
1 pole
2 poles
Load
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Rated load
5 A at 250 VAC;
5 A at 30 VDC
3.5 A at 250 VAC;
2.5 A at 30 VDC
3 A at 250 VAC;
3 A at 30 VDC
1.5 A at 250 VAC;
2 A at 30 VDC
Rated carry current
5 A
3 A
Max. switching voltage 380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current 5 A
3 A
Max. switching power
1,250 VA, 150 W
875 VA, 75 W
750 VA, 90 W
375 VA, 60 W
Failure rate
(reference value)
100 mA at 5 VDC
10 mA at 5 VDC
Item
1 pole
2 poles
Contact resistance
30 m
W max. (high-capacity type: 100 mW max.)
50 m
W max.
Operate (set) time
15 ms max.
Release (reset) time
AC: 10 ms max.; DC: 5 ms max. (w/built-in diode: 20 ms max.)
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
W min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts*;
1,000 VAC, 50/60 Hz for 1 min between contacts
of same polarity
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts*;
3,000 VAC, 50/60 Hz for 1 min between contacts
of different polarity
1,000 VAC, 50/60 Hz for 1 min between contacts
of same polarity
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 200 m/s2 when energized; 100m/s2 when no energized
Endurance
Mechanical: AC coil: 10,000,000 operations min.;
DC coil:
20,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr under rated load)
Ambient temperature
Operating:
-40°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 17 g (plug-in terminal: approx. 20 g)


Similar Part No. - G2R-1Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1Z OMRON-G2R-1Z Datasheet
2Mb / 14P
   The Best Seller G2R
G2R-1Z OMRON-G2R-1Z Datasheet
2Mb / 14P
   The Best Seller G2R
G2R-1Z OMRON-G2R-1Z Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2R-1Z OMRON-G2R-1Z Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2R-1Z4 OMRON-G2R-1Z4 Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com