Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR0S2J0223A50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MOR0S2J0223A50
Description  Metal Oxide Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR0S2J0223A50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MOR0S2J0223A50 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR0S2J0223A50 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Metal Oxide Film Resistors
Page 2
30/08/07 V1.1
Power Rating
Derating Curve
Heat Rise Chart
Style
Maximum
Working
Voltage
(V)
Maximum
Overload
Voltage
(V)
Dielectric
Withstanding
Voltage
(V)
Resistance
Range
(
Ω)
MOR-50-S
250
400
250
0.3 ~ 50K
MOR-100-S
350
600
350
MOR-300-S
MOR-700
750
1000
750
20 ~ 150K
Note:
• Standard E-24 series values in ±5% tolerance.
• Standard grey base colour for normal size product; sea blue color for small size product.
• Standard Non-flammable coating.
• Non-Inductive type available on a case to case basis.


Similar Part No. - MOR0S2J0223A50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR0S2J082JA10 ETC2-MOR0S2J082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JA20 ETC2-MOR0S2J082JA20 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JA40 ETC2-MOR0S2J082JA40 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JAA0 ETC2-MOR0S2J082JAA0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JAB0 ETC2-MOR0S2J082JAB0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results

Similar Description - MOR0S2J0223A50

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com