Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM300XCM45-F000 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DIM300XCM45-F000
Description  IGBT Chopper Module Provisional
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM300XCM45-F000 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DIM300XCM45-F000 Datasheet HTML 1Page - Dynex Semiconductor DIM300XCM45-F000 Datasheet HTML 2Page - Dynex Semiconductor DIM300XCM45-F000 Datasheet HTML 3Page - Dynex Semiconductor DIM300XCM45-F000 Datasheet HTML 4Page - Dynex Semiconductor DIM300XCM45-F000 Datasheet HTML 5Page - Dynex Semiconductor DIM300XCM45-F000 Datasheet HTML 6Page - Dynex Semiconductor DIM300XCM45-F000 Datasheet HTML 7Page - Dynex Semiconductor DIM300XCM45-F000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIM300XCM45-F000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
5/7
www.dynexsemi.com
0
50
100
150
200
250
300
350
400
450
500
0.0
1.0
2.0
3.0
4.0
5.0
Collector-emitter voltage, Vce (V)
Vg=10V
Vg=12V
Vg=15V
Vg=20V
Tcase = 25°C
0
100
200
300
400
500
600
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Collector-emitter voltage, Vce (V)
Vge=10V
Vge=12V
Vge=15V
Vge=20V
Tcase =125°C
Fig. 3 Typical output characteristics
Fig. 4 Typical output characteristics
0
200
400
600
800
1000
1200
1400
1600
0
50
100
150
200
250
300
Collector current, Ic (A)
Eon (mJ)
Eoff (mJ)
Erec (mJ)
Conditions
Vcc = 2250V
Tc = 125°C
Cge = 55nF
Vge = +/- 15V
Rg(on) = 10
Rg(off) = 22
0
500
1000
1500
2000
2500
3000
3500
4000
0
10
20
30
40
50
60
Gate resistance, Rg (Ohms)
Eon (mJ)
Eoff (mJ)
Erec (mJ)
Conditions:
Vcc = 2250V
Tc = 125°C
Cge = 55nF
Vge = +/- 15V
Ic = 300A
Fig.5 Typical switching energy vs collector current
Fig. 6 Typical switching energy vs gate resistance


Similar Part No. - DIM300XCM45-F000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM300XCM45-F000 DYNEX-DIM300XCM45-F000 Datasheet
298Kb / 8P
   IGBT Chopper Module
DIM300XCM45-F000 DYNEX-DIM300XCM45-F000_09 Datasheet
298Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM300XCM45-F000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com