Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2RK-2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G2RK-2
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RK-2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G2RK-2 Datasheet HTML 3Page - Omron Electronics LLC G2RK-2 Datasheet HTML 4Page - Omron Electronics LLC G2RK-2 Datasheet HTML 5Page - Omron Electronics LLC G2RK-2 Datasheet HTML 6Page - Omron Electronics LLC G2RK-2 Datasheet HTML 7Page - Omron Electronics LLC G2RK-2 Datasheet HTML 8Page - Omron Electronics LLC G2RK-2 Datasheet HTML 9Page - Omron Electronics LLC G2RK-2 Datasheet HTML 10Page - Omron Electronics LLC G2RK-2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
147
G2R
G2R
CSA 22.2 No.0, No.14 (File No. LR31928)
SEV
SEMKO
TÜV (IEC 255)
VDE (IEC 255, VDE 0435), IMQ
Model
Contact form
Coil ratings
Contact ratings
G2R-1
G2R-14
G2R-1-H
G2R-1-S
G2R-1-T
SPDT
3 to 110 VDC
3 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
T-3 (NO contact only)
G2R-1A
G2R-1A4
G2R-1A-H
G2R-1A-S
G2R-1A-T
SPST-NO
G2R-1-E
SPDT
16 A, 30 VDC (resistive, N.O only)
16 A, 250 VAC (general use, NO contact only)
TV-3 (NO contact only)
G2R-1A-E
SPST-NO
G2R-2
G2R-24
G2R-2-H
G2R-2-S
DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
TV-3 (NO contact only)
G2R-2A
G2R-2A4
G2R-2A-H
G2R-2A-S
DPST-NO
G2R-1A-ASI
SPST-NO
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV-8 (NO contact only); 1/4 hp, 125 VAC
Contact form
Coil ratings
Contact ratings
1 pole
3 to 110 VDC
3 to 240 VAC
16 A, 250 VAC1 (AgSnIn contact)
16 A, 30 VDC1 (AgSnIn contact)
10 A, 250 VAC1
5 A, 250 VAC3
10 A, 30 VDC1
2 poles
3 to 110 VDC
3 to 240 VAC
5 A, 250 VAC1
2 A, 380 VAC1
5 A, 30 VDC1
Contact form
Coil ratings
Contact ratings
1 pole
3 to 110 VDC
6 to 240 VAC
10/80 A, 250 VAC
3/100 A, 250 VAC
16/128 A, 250 VAC (AgSnIn contact)
2 poles
5/40 A, 250 VAC
Contact form
Coil ratings
Contact ratings
1 pole
3 to 110 VDC, 6 VAC to 240 VAC
(for Standard coil)
3 to 48 VDC (for K, U coil)
3 to 70 VDC (for H coil)
10 A, 250 VAC (cos
f = 1.0)
10 A, 30 VDC (0 ms)
16 A, 250 VAC (cos
f = 1.0) (AgSnIn contact)
2 poles
8 A, 250 VAC (cos
f = 0.4)
5 A, 250 VAC (cos
f =1.0)
5 A, 30 VDC (0 ms)
2.5 A, 250 VAC (cos
f = 0.4)
Contact form
Coil ratings
Contact ratings
1 pole
5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC
12, 18, 24, 48, 50, 100/(110), 110, 120, 200/(220), 220, 230,
240 VAC
10 A, 250 VAC (cos
f = 1.0)
10 A, 30 VDC (0 ms)
16 A, 250 VAC (cos
f = 1.0)
2 poles
5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC
12, 18, 24, 48, 50, 100/(110), 110, 120, 200/(220), 220, 230,
240 VAC
5 A, 250 VAC (cos
f =1.0)
5 A, 30 VDC (0 ms)


Similar Part No. - G2RK-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RK-2 OMRON-G2RK-2 Datasheet
562Kb / 14P
   Power PCB Relay
G2RK-2 OMRON-G2RK-2 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2RK-2 OMRON-G2RK-2 Datasheet
2Mb / 14P
   The Best Seller G2R
G2RK-2 OMRON-G2RK-2 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2RK-2 OMRON-G2RK-2 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
More results

Similar Description - G2RK-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com