Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-21UBC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 19-21UBC
Description  Chip LED (0.8 mm Height)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-21UBC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  19-21UBC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-21UBC/C430/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev1
Page: 3 of 9
Device No:SZDSE-191-020
Prepared date: 20-Aug-2005
Prepared by: Meng Yali
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +90
Electrostatic Discharge(HBM)
ESD
1000
V
Power Dissipation
Pd
130
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
70
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
14.0
18.0
----
mcd
Viewing Angle
2θ1/2
-----
100
-----
deg
Peak Wavelength
λp
-----
466
-----
nm
Dominant Wavelength
λd
-----
428
-----
nm
Spectrum Radiation
Bandwidth
△λ
-----
65
-----
nm
Forward Voltage
VF
-----
3.8
4.5
V
IF=20mA
Reverse Current
IR
-----
-----
50
μA
VR=5V


Similar Part No. - 19-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21UYC EVERLIGHT-19-21UYC Datasheet
138Kb / 9P
   19-21UYC/S530-XX/TR8
19-21UYC-S530-A3-TR8 EVERLIGHT-19-21UYC-S530-A3-TR8 Datasheet
140Kb / 9P
   0603 Package Chip LED (0.6mm Height)
19-21UYC/S530-XX/TR8 EVERLIGHT-19-21UYC/S530-XX/TR8 Datasheet
138Kb / 9P
   19-21UYC/S530-XX/TR8
More results

Similar Description - 19-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21SYGC EVERLIGHT-19-21SYGC Datasheet
151Kb / 9P
   Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-ANPHY-3T TO-GRACE-19-21-T1D-ANPHY-3T Datasheet
855Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-ANPHY-3T EVERLIGHT-19-21-T1D-ANPHY-3T Datasheet
164Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-CPQTY-3T TO-GRACE-19-21-T1D-CPQTY-3T Datasheet
767Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-W1D-ANPHY-3T EVERLIGHT-19-21-W1D-ANPHY-3T Datasheet
154Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-W1D-ANPHY-3T TO-GRACE-19-21-W1D-ANPHY-3T Datasheet
681Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-CPQTY-3T EVERLIGHT-19-21-T1D-CPQTY-3T Datasheet
154Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Kingbright Corporation
AP1608 KINGBRIGHT-AP1608 Datasheet
97Kb / 4P
   1.6 X 0.8 MM SMD CHIP LED LAMP
APT1608QWF-D-AMT KINGBRIGHT-APT1608QWF-D-AMT Datasheet
321Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
APTD1608LQBC-D KINGBRIGHT-APTD1608LQBC-D Datasheet
318Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com