Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-22SURSYGC Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 19-22SURSYGC
Description  Chip LEDs with Bi-Color(Multi-Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-22SURSYGC Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 19-22SURSYGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 10Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 11Page - Everlight Electronics Co., Ltd 19-22SURSYGC Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-22SURSYGC/S187/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.3
Page: 10 of 12
Device No. : DSE-192-016
Prepared date: 13-Jul-2005
Prepared by: Ashley Kuo
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260℃±5℃
Min. 5sec.
6 Min.
22 PCS.
0/1
2
Temperature Cycle
H : +100℃ 15min
∫ 5 min
L : -40℃ 15min
300 Cycles
22 PCS.
0/1
3
Thermal Shock
H : +100℃ 5min
∫ 10 sec
L : -10℃ 5min
300 Cycles
22 PCS.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 PCS.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs.
22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature /
High Humidity
85℃/ 85%RH
1000 Hrs.
22 PCS.
0/1


Similar Part No. - 19-22SURSYGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC_13 Datasheet
284Kb / 11P
   Technical Data Sheet Chip LED with Bi-Color(Multi-Color)
More results

Similar Description - 19-22SURSYGC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C Datasheet
301Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22SURSYGC-S530-A3 EVERLIGHT-12-22SURSYGC-S530-A3 Datasheet
262Kb / 11P
   Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-G6R8C-A30-2C TO-GRACE-12-22-G6R8C-A30-2C Datasheet
1Mb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C_11 Datasheet
325Kb / 13P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-BHR6C-A01-2C EVERLIGHT-12-22-BHR6C-A01-2C Datasheet
268Kb / 11P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C Datasheet
148Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C_11 Datasheet
243Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C_11 Datasheet
288Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com