Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22386001472 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 22386001472
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

22386001472 Datasheet(HTML) 5 Page - NXP Semiconductors

  22386001472 Datasheet HTML 1Page - NXP Semiconductors 22386001472 Datasheet HTML 2Page - NXP Semiconductors 22386001472 Datasheet HTML 3Page - NXP Semiconductors 22386001472 Datasheet HTML 4Page - NXP Semiconductors 22386001472 Datasheet HTML 5Page - NXP Semiconductors 22386001472 Datasheet HTML 6Page - NXP Semiconductors 22386001472 Datasheet HTML 7Page - NXP Semiconductors 22386001472 Datasheet HTML 8Page - NXP Semiconductors 22386001472 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2000 Sep 11
5
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 50 V
Noble Metal Electrode
Thickness classification and packaging quantities
15000
153
0.5 to 1.0
18000
183
0.9 to 1.3
22000
223
0.5 to 1.0
27000
273
33000
333
39000
393
47000
473
0.9 to 1.3
THICKNESS
CLASSIFICATION
(mm)
8 mm TAPE WIDTH
AMOUNT PER REEL
12 mm TAPE WIDTH
AMOUNT PER REEL
AMOUNT
PER BULK CASE
∅180 mm; 7"
∅330 mm; 13"
∅180 mm; 7" BLISTER
PAPER
BLISTER
PAPER
BLISTER
1812
2220
0402
0603
0805
0.5
±0.05
10000
50000
−−−
50000
−−
0.6
±0.1
4000
20000
−−−−−
10000
0.85
±0.1
4000
15000
−−−−−
8000
0.5 to 1.0
4000
10000
2000
1500
−−−
0.8
±0.07
4000
15000
−−−−
15000
0.9 to 1.3
3000
10000
1500
−−−−
1.15
±0.1
3000
10000
−−−−−
1.25
±0.1
3000
10000
−−−−
5000
C
(pF)
LAST
THREE DIGITS
OF 12NC
50 V
0402
0603
0805
1206
1210
1812
2220


Similar Part No. - 22386001472

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
223863-0900 MOLEX-223863-0900 Datasheet
786Kb / 7P
   Hand Crimp Tool for Ultra-Fit Crimp Terminals
11-29-22
More results

Similar Description - 22386001472

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com