Part Name
         Description
19-213UBC

 Chip LED (0.6 mm Height) ( 9 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
   
 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-213UBC/C430/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1.0
Page: 6 of 9
Device No:DSE-193-016
Prepared date: 08-06-2004
Prepared by: Jessica Chang
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Aluminum moistue-proof bag
Label
Desiccant
Label
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
19-213-BHC-AN1P2Chip LED 0.6 mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
19-213-GHC-YR1S2Chip LED 0.6 mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
19-213SURCChip LED 0.6 mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
19-213SYGCChip LED 0.6 mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
16-213UYCChip LED 0.45 mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
BHW-ZMNQYChip LED 0.6mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AL-HG435A0805 Package Bluish Green SMD Chip LED Lamps 1.0mm Height 1 2 3 4 5 A-BRIGHT Inc
AL-HJF35ASuper Amber SMD Chip LED Lamps 1.0mm Height 1 2 3 4 5 A-BRIGHT Inc
R7C-AN2P2BChip LED 0.8mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AL-HG436A0603 Package Bluish Green SMD Chip LED Lamps 0.6mm Height 1 2 3 4 5 A-BRIGHT Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl