Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V29C31004B Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V29C31004B
Description  4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C31004B Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V29C31004B Datasheet HTML 6Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 7Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 8Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 9Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 10Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 11Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 12Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 13Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 14Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
V29C31004T/V29C31004B Rev. 0.3 October 2000
MOSEL VITELIC
V29C31004T/V29C31004B
written. While in the internal erase mode, the
device ignores any program attempt into the
device. The internal erase completion can be
determined via DATA polling or toggle bit status.
The V29C31004T/V29C31004B is shipped fully
erased (all bits = 1).
Chip Erase Cycle
The V29C31004T/V29C31004B features a chip-
erase operation. The chip erase operation is
initiated by using a specific six-bus-cycle
sequence: two unlock program cycles, a setup
command, two additional unlock program cycles,
and the chip erase command (see Table 2).
The automatic erase begins on the rising edge of
the last WE or CE pulse in the command sequence
and terminates when the data on DQ7 is “1”.
Program Cycle Status Detection
There are two methods for determining the state
of the V29C31004T/V29C31004B during a
program (erase/write) cycle: DATA Polling (I/O7)
and Toggle Bit (I/O6).
DATA Polling (I/O7)
The V29C31004T/V29C31004B features DATA
polling to indicate the end of a program cycle.
When the device is in the program cycle, any
attempt to read the device will received the
complement of the loaded data on I/O7. Once the
program cycle is completed, I/O7 will show true
data, and the device is then ready for the next
cycle.
Toggle Bit (I/O6)
The V29C31004T/V29C31004B also features
another method for determining the end of a
program cycle. When the device is in the program
cycle, any attempt to read the device will result in
l/O6 toggling between 1 and 0. Once the program is
completed, the toggling will stop. The device is then
ready for the next operation. Examining the toggle
bit may begin at any time during a program cycle.
Boot Block Protection Enabling/Disabling
The V29C31004T/V29C31004B features
hardware Boot Block Protection. The boot block
sector protection is enabled when high voltage
(12.5V) is applied to OE and A9 pins with CE pin
LOW and WE pin LOW. The sector protection is
disabled when high voltage is applied to OE, CE
and A9 pins with WE pin LOW. Other pins can be
HIGH or LOW. This is shown in table 1.
Autoselect Mode
The V29C31004T/V29C31004B features an
Autoselect mode to identify boot block locking
status, device ID and manufacturer ID.
Entering Autoselect mode is accomplished by
applying a high voltage (VH) to the A9 Pin, or
through a sequence of commands (as shown in
table 2). Device will exit this mode once high
voltage on A9 is removed or another command is
loaded into the device.
Table 2. Command Codes
NOTES:
1.
RA: Read Address
2.
RD: Read Data
3.
PA: The address of the memory location to be programmed.
4.
PD: The data at the byte address to be programmed.
Command
Sequence
First Bus
Program Cycle
Second Bus
Program Cycle
Third Bus
Program Cycle
Fourth Bus
Program Cycle
Fifth Bus
Program Cycle
Six Bus
Program Cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Read
XXXXH
F0H
Read
5555H
AAH
2AAAH
55H
5555H
F0H
RA(1)
RD(2)
Autoselect
Mode
5555H
AAH
2AAAH
55H
5555H
90H
See table 3 for detail.
Byte
Program
5555H
AAH
2AAAH
55H
5555H
A0H
PA
PD(4)
Chip Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Sector Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SA(5)
30H


Similar Part No. - V29C31004B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C31001B-45J MOSEL-V29C31001B-45J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-45P MOSEL-V29C31001B-45P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-45T MOSEL-V29C31001B-45T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-70J MOSEL-V29C31001B-70J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-70P MOSEL-V29C31001B-70P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C31004B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
   4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com