Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V29C31004B Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V29C31004B
Description  4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C31004B Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V29C31004B Datasheet HTML 7Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 8Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 9Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 10Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 11Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 12Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 13Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 14Page - Mosel Vitelic, Corp V29C31004B Datasheet HTML 15Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
V29C31004T/V29C31004B Rev. 0.3 October 2000
MOSEL VITELIC
V29C31004T/V29C31004B
Boot Block Protection Status
In Autoselect mode, performing a read at
address location 3CXX2H (V29C31004T) or
0CXX2H (V29C31004B) will indicate boot block
protection status. If the data is 01H, the boot block
is protected. If the data is 00H, the boot block is
unprotected. This is also shown is table 3.
Device ID
In Autoselect mode, performing a read at
address XXX1H will determine whether the device
is a Top Boot Block device or a Bottom Boot Block
device. If the data is 63H, the device is a Top Boot
Block. If the data is 73H, the device is a Bottom
Boot Block device (see Table 3).
Manufacturer ID
In Autoselect mode, performing a read at
address XXXX0H will determine the manufacturer
ID. 40H is the manufacturer code for Mosel Vitelic
Flash.
Hardware Data Protection
VCC Detection: the program operation is inhibited
when VCC is less than 2.5V.
Noise Protection: a CE or WE pulse of less than
5ns will not initiate a program cycle.
Program Inhibit: holding any one of OE LOW, CE
HIGH or WE HIGH inhibits a program cycle.
Table 3. Autoselect Decoding
NOTE:
1.
X = Don’t Care, VIH = HIGH, VIL = LOW.
Decoding Mode
Boot Block
Address
Data I/O0–I/O7
A0
A1
A2–A13
A14–A17
Boot Block Protection
Top
VIL
VIH
XVIH
01H: protected
Bottom
VIL
VIH
XVIL
00H: unprotected
Device ID
Top
VIH
VIL
X
X
63H
Bottom
73H
Manufacture ID
VIL
VIL
X
X
40H


Similar Part No. - V29C31004B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C31001B-45J MOSEL-V29C31001B-45J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-45P MOSEL-V29C31001B-45P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-45T MOSEL-V29C31001B-45T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-70J MOSEL-V29C31001B-70J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-70P MOSEL-V29C31001B-70P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C31004B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
   4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com