Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN182374A Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SCAN182374A
Description  D-Type Flip-Flop with 25廓 Series Resistor Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN182374A Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SCAN182374A Datasheet HTML 4Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 5Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 6Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 7Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 8Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 9Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 10Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 11Page - Fairchild Semiconductor SCAN182374A Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.fairchildsemi.com
8
Description of BOUNDARY-SCAN Circuitry (Continued)
BOUNDARY-SCAN Register Definition Index
Bit No.
Pin Name
Pin No.
Pin Type
Scan Cell Type
41
AOE1
3
Input
TYPE1
Control
Signals
40
ACP
54
Input
TYPE1
39
AOE
Internal
TYPE2
38
BOE1
26
Input
TYPE1
37
BCP
31
Input
TYPE1
36
BOE
Internal
TYPE2
35
AI0
55
Input
TYPE1
A–in
34
AI1
53
Input
TYPE1
33
AI2
52
Input
TYPE1
32
AI3
50
Input
TYPE1
31
AI4
49
Input
TYPE1
30
AI5
47
Input
TYPE1
29
AI6
46
Input
TYPE1
28
AI7
44
Input
TYPE1
27
AI8
43
Input
TYPE1
26
BI0
42
Input
TYPE1
B–in
25
BI1
41
Input
TYPE1
24
BI2
39
Input
TYPE1
23
BI3
38
Input
TYPE1
22
BI4
36
Input
TYPE1
21
BI5
35
Input
TYPE1
20
BI6
33
Input
TYPE1
19
BI7
32
Input
TYPE1
18
BI8
30
Input
TYPE1
17
AO0
2
Output
TYPE2
A–out
16
AO1
4
Output
TYPE2
15
AO2
5
Output
TYPE2
14
AO3
7
Output
TYPE2
13
AO4
8
Output
TYPE2
12
AO5
10
Output
TYPE2
11
AO6
11
Output
TYPE2
10
AO7
13
Output
TYPE2
9AO8
14
Output
TYPE2
8BO0
15
Output
TYPE2
B–out
7BO1
16
Output
TYPE2
6BO2
18
Output
TYPE2
5BO3
19
Output
TYPE2
4BO4
21
Output
TYPE2
3BO5
22
Output
TYPE2
2BO6
24
Output
TYPE2
1BO7
25
Output
TYPE2
0BO8
27
Output
TYPE2


Similar Part No. - SCAN182374A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182373A FAIRCHILD-SCAN182373A Datasheet
104Kb / 12P
   Transparent Latch with 25ohm Series Resistor Outputs
SCAN182373ASSC FAIRCHILD-SCAN182373ASSC Datasheet
104Kb / 12P
   Transparent Latch with 25ohm Series Resistor Outputs
SCAN182373ASSCX FAIRCHILD-SCAN182373ASSCX Datasheet
104Kb / 12P
   Transparent Latch with 25ohm Series Resistor Outputs
More results

Similar Description - SCAN182374A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN18374T FAIRCHILD-SCAN18374T Datasheet
99Kb / 12P
   D-Type Flip-Flop with 3-STATE Outputs
74LVTH162374 FAIRCHILD-74LVTH162374_07 Datasheet
242Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
National Semiconductor ...
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com