Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BHC-ZL1M2RY Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # BHC-ZL1M2RY
Description  chip LED(0.4mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BHC-ZL1M2RY Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  BHC-ZL1M2RY Datasheet HTML 1Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 2Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 3Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 4Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 5Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 6Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 7Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 8Page - Everlight Electronics Co., Ltd BHC-ZL1M2RY Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-217/BHC-ZL1M2RY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 2 of 10
Device No:SZDSE-197-B07
Prepared date: 26-Oct-2005
Prepared by:Zhang huali
Package Outline Dimensions
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm


Similar Part No. - BHC-ZL1M2RY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-ZL1M2QY EVERLIGHT-BHC-ZL1M2QY Datasheet
135Kb / 10P
   Chip LED (0.3mm Height)
More results

Similar Description - BHC-ZL1M2RY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-GHC-YR1S2 EVERLIGHT-19-217-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED(0.4mm Height)
S2C-AM2N2VY EVERLIGHT-S2C-AM2N2VY Datasheet
160Kb / 10P
   Chip LED (0.4mm Height)
S2C-FM2P1VY EVERLIGHT-S2C-FM2P1VY Datasheet
170Kb / 10P
   Chip LED (0.4mm Height)
W1D-DP1Q2QY EVERLIGHT-W1D-DP1Q2QY Datasheet
149Kb / 12P
   Chip LED (0.4mm Height)
19-217-BHC-AN1P2 EVERLIGHT-19-217-BHC-AN1P2 Datasheet
153Kb / 10P
   Chip LED(0.4mm Height)
19-217-R6C-AM2P1VY EVERLIGHT-19-217-R6C-AM2P1VY Datasheet
142Kb / 10P
   Chip LED (0.4mm Height)
G7C-AL1M2B EVERLIGHT-G7C-AL1M2B Datasheet
151Kb / 10P
   Chip LED(0.4mm Height)
R6C-AL1M2VY EVERLIGHT-R6C-AL1M2VY Datasheet
150Kb / 10P
   Chip LED (0.4mm Height)
R6C-P1Q2 EVERLIGHT-R6C-P1Q2 Datasheet
159Kb / 10P
   Chip LED (0.4mm Height)
19-217-W1D-APQHY EVERLIGHT-19-217-W1D-APQHY Datasheet
150Kb / 11P
   Chip LED (0.4mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com