Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103X6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32F103X6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32F103X6_08 Datasheet HTML 3Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 4Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 5Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 6Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 7Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 8Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 9Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 10Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
STM32F103xx
Introduction
7/84
1
Introduction
This datasheet provides the STM32F103xx performance line ordering information and
mechanical device characteristics.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM32F10xxx Flash programming reference manual, PM0042, available
from www.st.com.
For information on the Cortex-M3 core please refer to the Cortex-M3 Technical Reference
Manual.
2
Description
The STM32F103xx performance line family incorporates the high-performance ARM
Cortex-M3 32-bit RISC core operating at a 72 MHz frequency, high-speed embedded
memories (Flash memory up to 128Kbytes and SRAM up to 20 Kbytes), and an extensive
range of enhanced I/Os and peripherals connected to two APB buses. All devices offer two
12-bit ADCs, three general purpose 16-bit timers plus one PWM timer, as well as standard
and advanced communication interfaces: up to two I2Cs and SPIs, three USARTs, an USB
and a CAN.
The STM32F103xx performance line family operates from a 2.0 to 3.6 V power supply. It is
available in both the
−40 to +85 °C temperature range and the −40 to +105 °C extended
temperature range. A comprehensive set of power-saving mode allows to design low-power
applications.
The complete STM32F103xx performance line family includes devices in 5 different
package types: from 36 pins to 100 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the STM32F103xx performance line microcontroller family suitable for
a wide range of applications:
Motor drive and application control
Medical and handheld equipment
PC peripherals gaming and GPS platforms
Industrial applications: PLC, inverters, printers, and scanners
Alarm systems, Video intercom, and HVAC
Figure 1 shows the general block diagram of the device family.


Similar Part No. - STM32F103X6_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103x6 STMICROELECTRONICS-STM32F103x6_10 Datasheet
1Mb / 85P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
More results

Similar Description - STM32F103X6_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103X6 STMICROELECTRONICS-STM32F103X6 Datasheet
1Mb / 67P
   Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
STM32F103X4 STMICROELECTRONICS-STM32F103X4 Datasheet
1Mb / 80P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
STM32F101X6 STMICROELECTRONICS-STM32F101X6 Datasheet
966Kb / 64P
   Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
STM32F101X6 STMICROELECTRONICS-STM32F101X6_08 Datasheet
1Mb / 74P
   Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
STM32F103XC STMICROELECTRONICS-STM32F103XC Datasheet
1Mb / 118P
   Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
STM32F103VDT6 STMICROELECTRONICS-STM32F103VDT6 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103XC STMICROELECTRONICS-STM32F103XC_09 Datasheet
1Mb / 123P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103ZCH6 STMICROELECTRONICS-STM32F103ZCH6 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103ZEH6 STMICROELECTRONICS-STM32F103ZEH6 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103RCT7 STMICROELECTRONICS-STM32F103RCT7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com