Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2757T-E3 Datasheet(PDF) 3 Page - NEC

Part # UPC2757T-E3
Description  3 V, SILICON MMIC FREQUENCY CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2757T-E3 Datasheet(HTML) 3 Page - NEC

  UPC2757T-E3 Datasheet HTML 1Page - NEC UPC2757T-E3 Datasheet HTML 2Page - NEC UPC2757T-E3 Datasheet HTML 3Page - NEC UPC2757T-E3 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UPC2757T, UPC2758T
200 MHz
25 MHz
50 MHz
100 MHz
700 MHz
IF
20
15
10
5
0
500
1000
1500
2000
2500
400 MHz
TYPICAL PERFORMANCE CURVES (TA = 25°C)
LO Frequency (MHz)
PSAT
P1dB
0
-4
-8
-12
-16
200
400
600
800
1000
IF Frequency (MHz)
0 dBm
-5 dBm
-10 dBm
-15 dBm
LO Power
Input
-10
-15
-20
-25
-30
200
400
600
800
1000
LO Frequency (MHz)
15
10
5
0
-5
200
400
600
800
1000
1000 MHz
1500 MHz
2000 MHz
2500 MHz
Output Freq
LO Frequency (MHz)
20
15
10
500
1000
1500
2000
2500
VCC = 5 V
VCC = 3 V
LO Frequency (MHz)
20
15
10
-40
-30
-20
-10
0
LO = 2000 MHz
LO = 1000 MHz
LO Power (dBm)
UPC2757T
CONVERSION GAIN vs. LO FREQUENCY
VCC = 3 V, LO Power = -5 dBm
RF Above LO
UPC2757T
OUTPUT POWER vs. IF FREQUENCY
VCC = 3 V, LO Power = -5 dBm
RF Above LO
UPC2757T
LO TO IF ISOLATION vs. LO FREQUENCY
VCC = 3 V
UPC2757T
UP-CONVERSION GAIN vs. LO FREQUENCY
VCC = 3 V, LO Power = -5 dBm
Input above LO
UPC2757T
CONVERSION GAIN vs. LO FREQUENCY
IF = 200 MHz, LO Power = -5 dBm
RF Above LO
UPC2757T
CONVERSION GAIN vs. LO POWER
IF = 200 MHz, VCC = 3 V
RF Above LO


Similar Part No. - UPC2757T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2757T NEC-UPC2757T Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC2757TB NEC-UPC2757TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
California Eastern Labs
UPC2757TB CEL-UPC2757TB Datasheet
170Kb / 6P
   3 V, SUPER MINIMOLD SI MMIC DOWNCONVERTER
logo
Renesas Technology Corp
UPC2757TB RENESAS-UPC2757TB Datasheet
262Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results

Similar Description - UPC2757T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
   3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
NEC
UPC2753GR NEC-UPC2753GR Datasheet
72Kb / 6P
   3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
   3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
NEC
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com