Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-217-W1D-APQHY Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 19-217-W1D-APQHY
Description  Chip LED (0.4mm Height)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-217-W1D-APQHY Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  19-217-W1D-APQHY Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-217-W1D-APQHY Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-217/W1D-APQHY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1.0
Page: 5 of 11
Device No:DSE-197-W01
Prepared date: 08-06-2004
Prepared by: Jessica Chang
CIE Chromaticity Diagram


Similar Part No. - 19-217-W1D-APQHY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-W1D-APQHY-3T EVERLIGHT-19-217-W1D-APQHY-3T Datasheet
139Kb / 12P
   0603 Package Chip LED (0.4mm Height)
More results

Similar Description - 19-217-W1D-APQHY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-ZL1M2RY EVERLIGHT-BHC-ZL1M2RY Datasheet
152Kb / 10P
   chip LED(0.4mm Height)
19-217-GHC-YR1S2 EVERLIGHT-19-217-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED(0.4mm Height)
S2C-AM2N2VY EVERLIGHT-S2C-AM2N2VY Datasheet
160Kb / 10P
   Chip LED (0.4mm Height)
S2C-FM2P1VY EVERLIGHT-S2C-FM2P1VY Datasheet
170Kb / 10P
   Chip LED (0.4mm Height)
W1D-DP1Q2QY EVERLIGHT-W1D-DP1Q2QY Datasheet
149Kb / 12P
   Chip LED (0.4mm Height)
19-217-BHC-AN1P2 EVERLIGHT-19-217-BHC-AN1P2 Datasheet
153Kb / 10P
   Chip LED(0.4mm Height)
19-217-R6C-AM2P1VY EVERLIGHT-19-217-R6C-AM2P1VY Datasheet
142Kb / 10P
   Chip LED (0.4mm Height)
G7C-AL1M2B EVERLIGHT-G7C-AL1M2B Datasheet
151Kb / 10P
   Chip LED(0.4mm Height)
R6C-AL1M2VY EVERLIGHT-R6C-AL1M2VY Datasheet
150Kb / 10P
   Chip LED (0.4mm Height)
R6C-P1Q2 EVERLIGHT-R6C-P1Q2 Datasheet
159Kb / 10P
   Chip LED (0.4mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com