Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-21UBC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 22-21UBC
Description  Chip LEDs with Right Angle Lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

22-21UBC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  22-21UBC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 22-21UBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 9
Device No. :SZ DSE-221-009
Prepared date:26-May-2005
Prepared by: Ashley Kuo
Technical Data Sheet
Chip LEDs with Right Angle Lens
22-21UBC/C430/TR8
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb free.
․The product itself will remain within RoHS complaint
Version.
Descriptions
․ The 22-21 SMD series taping is much
smaller than lead frame type components,
thus enable smaller board size, higher
packing density, reduced storage space and
finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Automotive: backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Lens Color
22-21UBC/C430/TR8
GaN/SiC
Blue
Water Clear


Similar Part No. - 22-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
22-21UYC EVERLIGHT-22-21UYC Datasheet
158Kb / 9P
   Chip LEDs with Right Angle Lens
22-21UYC/S530-XX/TR8 EVERLIGHT-22-21UYC/S530-XX/TR8 Datasheet
158Kb / 9P
   Chip LEDs with Right Angle Lens
More results

Similar Description - 22-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
22-21SURC EVERLIGHT-22-21SURC Datasheet
180Kb / 9P
   Chip LEDs with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
22-21-BHC-AN1P2-2C TO-GRACE-22-21-BHC-AN1P2-2C Datasheet
632Kb / 10P
   Chip LEDs with Right Angle Lens
logo
Everlight Electronics C...
27-21SYGC EVERLIGHT-27-21SYGC Datasheet
133Kb / 8P
   Chip LEDs with Right Angle Lens
22-21SYGC EVERLIGHT-22-21SYGC Datasheet
166Kb / 9P
   Chip LEDs with Right Angle Lens
22-21UYC EVERLIGHT-22-21UYC Datasheet
158Kb / 9P
   Chip LEDs with Right Angle Lens
logo
Roithner LaserTechnik G...
12-21UBGC ROITHNER-12-21UBGC Datasheet
442Kb / 8P
   Chip LEDs with Right Angle Lens
logo
Everlight Electronics C...
22-21-BHC-AN1P2-2C EVERLIGHT-22-21-BHC-AN1P2-2C Datasheet
140Kb / 10P
   Chip LEDs with Right Angle Lens
12-22-BHR6C-A01-2C EVERLIGHT-12-22-BHR6C-A01-2C Datasheet
268Kb / 11P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C Datasheet
148Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C_11 Datasheet
243Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com